Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGL04G72B1BQ2SA-CCRT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SGL04G72B1BQ2SA-CCRT
Description  4096MB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGL04G72B1BQ2SA-CCRT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SGL04G72B1BQ2SA-CCRT Datasheet HTML 2Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 3Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 4Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 5Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 6Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 9Page - List of Unclassifed Manufacturers SGL04G72B1BQ2SA-CCRT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet
Rev.1.0
18.02.2014
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 6
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 18
FUNCTIONAL BLOCK DIAGRAMM 4096MB DDR3 SDRAM Mini-DIMM,
2 RANK AND 18 COMPONENTS
DQ0
DQ1
DQ2
DQ3
DQ5
DQ4
DQ6
DQ7
S0
DQS0
DQS0
DM0
DQS1
DQS1
DM1
DQ8
DQ9
DQ10
DQ11
DQ13
DQ12
DQ14
DQ15
DQS2
DQS2
DM2
DQ16
DQ17
DQ18
DQ19
DQ21
DQ20
DQ22
DQ23
DQS3
DQS3
DM3
DQ24
DQ25
DQ26
DQ27
DQ29
DQ28
DQ30
DQ31
DQ32
DQ33
DQ34
DQ35
DQ37
DQ36
DQ38
DQ39
DQS4
DQS4
DM4
DQS5
DQS5
DM5
DQ40
DQ41
DQ42
DQ43
DQ45
DQ44
DQ46
DQ47
DQS6
DQS6
DM6
DQ48
DQ49
DQ50
DQ51
DQ53
DQ52
DQ54
DQ55
DQS7
DQS7
DM7
DQ56
DQ57
DQ58
DQ59
DQ61
DQ60
DQ62
DQ63
VDDSPD
SPD
VDD/VDDQ
D0-D17
VREFDQ
VREFCA
D0-D17
D0-D17
D0-D17
VSS
CK0,CK1
Notes:
1.
DQ-to-I/O wiring is shown as recommended but may
be changed.
2.
DQ/DQS/DQS/ODT/DM/CKE/S relationship must be
maintained as shown.
3.
DQ, DM, DQS/DQS resistors: Refer to associated
topology diagram.
4.
Refer to the appropriate clock wiring topology under
the DIMM wiring details section of the JEDED document.
5.
For each DRAM, a unique ZQ resistor is connected to
GND. The ZQ resistor is 240O±1%.
6.
Refer to associated figure for SPD details.
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D0
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D9
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D1
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D10
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D2
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D11
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D3
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D12
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D4
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D13
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D5
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D14
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D6
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D15
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D7
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D16
DQS
CS
S1
CB0
CB1
CB2
CB3
CB5
CB4
CB6
CB7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D8
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D17
DQS
CS
BA0-BA2
BA0-BA2: SDRAM D0-D17
A0-A14
A0-A14: SDRAM D0-D17
RAS
RAS: SDRAM D0-D17
CAS
CAS: SDRAM D0-D17
WE
WE: SDRAM D0-D17
ODT0
ODT: SDRAM D0-D8
CKE1
CKE: SDRAM D9-D17
CK: SDRAM D0-D17
CK0,CK1
CK: SDRAM D0-D17
RESET
RESET: SDRAM D0-D17
CKE0
CKE: SDRAM D0-D8
ODT1
ODT: SDRAM D9-D17
DQS8
DM8
DQS8


Similar Part No. - SGL04G72B1BQ2SA-CCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
More results

Similar Description - SGL04G72B1BQ2SA-CCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
SGL04G72C1BB1SA-CCRT ETC2-SGL04G72C1BB1SA-CCRT Datasheet
662Kb / 17P
   4096MB DDR3 ??SDRAM unbuffered ECC VLP Mini-UDIMM
SGU04G72J1BB1SA-BB[EW]RT ETC-SGU04G72J1BB1SA-BB[EW]RT Datasheet
712Kb / 17P
   4096MB DDR3 ??SDRAM ECC UDIMM
SGU04G72F1BB1SA-BBRT ETC-SGU04G72F1BB1SA-BBRT Datasheet
722Kb / 17P
   4096MB DDR3 . SDRAM ECC UDIMM
SGN04G72G1BK2MT-CC[EW]RT ETC2-SGN04G72G1BK2MT-CC[EW]RT Datasheet
683Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-UDIMM
SGL08G72B1BE2MT-CCRT ETC2-SGL08G72B1BE2MT-CCRT Datasheet
663Kb / 18P
   8GB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
SGU04G64A1BE1MT-BBR ETC-SGU04G64A1BE1MT-BBR Datasheet
655Kb / 16P
   4096MB DDR3 ??SDRAM UDIMM
SGV04G72A1BE1MT-CC[W]RT ETC-SGV04G72A1BE1MT-CC[W]RT Datasheet
853Kb / 17P
   4096MB DDR3 ??SDRAM ECC XR-DIMMTM
SGN04G72G2BQ2SA-CC[EW]RT ETC2-SGN04G72G2BQ2SA-CC[EW]RT Datasheet
674Kb / 17P
   4096MB DDR3 ??SDRAM ECC SO-DIMM
SGN02G72F1BD1SA-BB[EW]RT ETC2-SGN02G72F1BD1SA-BB[EW]RT Datasheet
560Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com