Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSA128GQxBJ8TO-t-NU-2y6 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SFSA128GQxBJ8TO-t-NU-2y6
Description  Industrial SATA SSD 2.5?쇺?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSA128GQxBJ8TO-t-NU-2y6 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SFSA128GQxBJ8TO-t-NU-2y6 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFSA128GQxBJ8TO-t-NU-2y6 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFSA128GQxBJ8TO-t-NU-2y6 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFSA128GQxBJ8TO-t-NU-2y6 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFSA128GQxBJ8TO-t-NU-2y6 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFSA128GQxBJ8TO-t-NU-2y6 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFSA128GQxBJ8TO-t-NU-2y6 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFSA128GQxBJ8TO-t-NU-2y6 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFSA128GQxBJ8TO-t-NU-2y6 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.02
Industriestrasse 4-8
CH-9552 Bronschhofen
www.swissbit.com
X-500_data_sheet_SA-QxBJ_Rev102.doc
Switzerland
industrial@swissbit.com
Page 7 of 53
4.2 System Performance
Table 4: System Performance (measured)
System Performance
Typ.
Unit
Data transfer Rate (SATA burst (1.5 or 3.0Gb/s))
150 or 300
MB/s
Sequential Read
16GB
226
MB/s
32GB
228
64GB
228
128GB
247
256GB
246
512GB
236
Sequential Write
16GB
142
32GB
162
64GB
163
128GB
189
256GB
189
512GB
220
Random Read 4kB
16GB
14150
IOPS
32GB
14400
64GB
14400
128GB
14300
256GB
14300
512GB
14300
Random Write 4kB
16GB
4900
32GB
5300
64GB
5300
128GB
3800
256GB
3800
512GB
3800
All values refer to Toshiba Flash chips (see part number) with SATA 3.0Gbit/s. Sustained Speed depends on flash type and number, file/cluster
size, and burst speed.
MB/s = 1,000,000 byte/s. Measured with CrystalDiskMark 3.0.2 on Windows 7, NTFS, 5x500MB, QD=32.


Similar Part No. - SFSA128GQxBJ8TO-t-NU-2y6

ManufacturerPart #DatasheetDescription
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
   Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
Source Photonics, Inc.
SFS-34-24T-HP-CDA SOURCE-SFS-34-24T-HP-CDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
SFS-34-24T-HP-TDA SOURCE-SFS-34-24T-HP-TDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
logo
NXP Semiconductors
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
   UCODE HSL
October 2003
logo
Z-Communications, Inc
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
More results

Similar Description - SFSA128GQxBJ8TO-t-NU-2y6

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
   SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3100 GREENLIANT-G3100 Datasheet
1Mb / 2P
   SATA 2.5 Enterprise SSD
logo
Adlink Technology Inc.
SSB016GTTC7-SBA-1A ADLINK-SSB016GTTC7-SBA-1A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
logo
Advantech Co., Ltd.
SQF-S25-520 ADVANTECH-SQF-S25-520 Datasheet
623Kb / 1P
   SATA II (3.0Gb) 2.5" SSD
30-Jan-2013
SQF-S25520 ADVANTECH-SQF-S25520 Datasheet
637Kb / 1P
   SATA II (3.0Gb) 2.5 SSD
30-Jan-2013
SQF-S25-630 ADVANTECH-SQF-S25-630 Datasheet
658Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
22-Feb-2016
SQF-S25-640 ADVANTECH-SQF-S25-640 Datasheet
483Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
25-Jul-2017
SQF-S25-650 ADVANTECH-SQF-S25-650 Datasheet
367Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
1-Aug-2022
logo
Greenliant systems
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
   SATA 2.5 Enterprise SSD PX Series
logo
PHOENIX CONTACT
2400032 PHOENIX-2400032 Datasheet
49Kb / 1P
   160 GB, 2.5" SATA SSD kit with tray for Designline industrial PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com