Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR218-8 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MCR218-8
Description  SILICON CONTROLLED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR218-8 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MCR218-8 Datasheet HTML 1Page - Digitron Semiconductors MCR218-8 Datasheet HTML 2Page - Digitron Semiconductors MCR218-8 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130115
MCR218 SERIES
SILICON CONTROLLED RECTIFIERS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage(1)
(TJ = -40 to +125°C, gate open)
MCR218-2
MCR218-3
MCR218-4
MCR218-6
MCR218-7
MCR218-8
MCR218-10
VDRM
VRRM
50
100
200
400
500
600
800
V
On-state RMS current (180° conduction angles, TC = 70°C)
IT(RMS)
8.0
A
Peak non-repetitive surge current
(one half-cycle, sine wave, 60Hz, TJ = 125°C)
ITSM
100
A
Circuit fusing consideration (t = 8.3ms)
I2t
26
A2s
Forward peak gate power (pulse width ≤ 1.0µs, TC = 70°C)
PGM
5
W
Forward average gate power (t = 8.3ms, TC = 70°C)
PG(AV)
0.5
W
Forward peak gate current (pulse width ≤ 1.0µs, TC = 70°C)
IGM
2.0
A
Operating temperature range
TJ
-40 to +125
°C
Storage temperature range
Tstg
-40 to +150
°C
Note 1: VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; positive gate voltage shall not be applied concurrent with negative
potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
RӨJC
2.0
°C/W
Maximum lead temperature for soldering
purposes 1/8” from case for 10s
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak forward or reverse blocking current
(VAK = Rated VDRM or VRRM, gate open)
TJ = 25°C
TJ = 125°C
IDRM,
IRRM
-
-
-
-
10
2.0
µA
mA
ON CHARACTERISTICS
Peak on-state voltage*
(ITM = 16A peak)
VTM
-
1.5
1.8
V
Gate trigger current (continuous dc)
(VD = 12V, RL = 100Ω)
IGT
-
10
25
mA
Gate trigger voltage (continuous dc)
(VD = 12V, RL = 100Ω)
VGT
-
-
1.5
V
Gate non-trigger voltage
(Rated 12V, RL = 100Ω, TJ = 125°C)
VGD
0.2
-
-
V
Holding current
(VD = 12V, initiating current = 200mA, gate open)
IH
-
16
30
mA
DYNAMIC CHARACTERISTICS
Critical rate of rise of off-state voltage
(VD = rated VDRM, exponential waveform, gate open, TJ = 125°C)
dv/dt
-
100
-
V/µs
* Pulse width ≤ 1.0ms, duty cycle ≤ 2%.


Similar Part No. - MCR218-8

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MCR218-8 NJSEMI-MCR218-8 Datasheet
102Kb / 2P
   Thyristors Silicon-Controlled Rectifiers
More results

Similar Description - MCR218-8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com