Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR65-9 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # MCR65-9
Description  SILICON CONTROLLED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR65-9 Datasheet(HTML) 2 Page - Digitron Semiconductors

  MCR65-9 Datasheet HTML 1Page - Digitron Semiconductors MCR65-9 Datasheet HTML 2Page - Digitron Semiconductors MCR65-9 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MCR65 SERIES
SILICON CONTROLLED RECTIFIER
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min.
Max.
Unit
Peak forward or reverse blocking current
(VAK = Rated VDRM or VRRM, gate open)
TC = 25°C
TC = 125°C
IDRM, IRRM
-
-
10
2
µA
mA
Forward “on” voltage
(ITM = 175A peak)
VTM
-
2
Volts
Gate trigger current (continuous dc)
(VD = 12V, RL = 50Ω)
TC = 25°C
TC = -40°C
IGT
-
-
40
75
mA
Gate trigger voltage (continuous dc)
(VD = 12V, RL = 50Ω)
TC = 25°C
TC = -40°C
(VD = Rated VDRM, RL = 1000Ω, TJ = 125°C)
VGT
-
-
0.2
3
3.5
-
Volts
Holding current
(VD = 12V, RL = 50Ω, gate open)
IH
-
60
mA
Forward voltage application rate
(VD = rated VDRM, TJ = 125°C)
dv/dt
50
-
V/µs
MECHANICAL CHARACTERISTICS
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128
Case
TO-48 ISO
Marking
Body painted, alpha-numeric
Polarity
Cathode is stud
TO-48 ISO
Inches
Millimeters
Min
Max
Min
Max
A
0.551
0.559
14.000
14.200
B
0.501
0.505
12.730
12.830
C
-
1.280
-
32.510
F
-
0.160
-
4.060
H
-
0.265
-
6.730
J
0.420
0.455
10.670
11.560
K
0.300
0.350
7.620
8.890
L
0.255
0.275
6.480
6.990
Q
0.055
0.085
1.400
2.160
T
0.135
0.150
3.430
3.810


Similar Part No. - MCR65-9

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MCR65-9 NJSEMI-MCR65-9 Datasheet
71Kb / 2P
   Silicon Controlled Rectifier
More results

Similar Description - MCR65-9

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com