Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR12LN Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MCR12LN
Description  SILICON CONTROLLED RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR12LN Datasheet(HTML) 1 Page - Digitron Semiconductors

  MCR12LN Datasheet HTML 1Page - Digitron Semiconductors MCR12LN Datasheet HTML 2Page - Digitron Semiconductors MCR12LN Datasheet HTML 3Page - Digitron Semiconductors MCR12LN Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130108
MCR12LD, MCR12LM, MCR12LN
SILICON CONTROLLED RECTIFIERS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage(1)
(TJ = -40 to +125°C, sine wave, 50 to 60Hz, gate open)
MCR12LD
MCR12LM
MCR12LN
VDRM
VRRM
400
600
800
V
On-state RMS current (180° conduction angles, TC = 80°C)
IT(RMS)
12
A
Peak non-repetitive surge current
(half-cycle, sine wave, 60Hz, TJ = 125°C)
ITSM
100
A
Circuit fusing consideration (t = 8.3ms)
I2t
41
A2s
Forward peak gate power (pulse width ≤ 1.0µs, TC = 80°C)
PGM
5.0
W
Forward average gate power (t = 8.3ms, TC = 80°C)
PG(AV)
0.5
W
Forward peak gate current (pulse width ≤ 1.0µs, TC = 80°C)
IGM
2.0
A
Operating temperature range
TJ
-40 to +125
°C
Storage temperature range
Tstg
-40 to +150
°C
Note 1: VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; positive gate voltage shall not be applied concurrent with negative
potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
2.2
°C/W
Thermal resistance, junction to ambient
R
ӨJA
62.5
°C/W
Maximum lead temperature for soldering
purposes 1/8” from case for 10s
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak forward or reverse blocking current
(VD = Rated VDRM or VRRM, gate open)
TJ = 25°C
TJ = 125°C
IDRM,
IRRM
-
-
-
-
0.01
2.0
mA
ON CHARACTERISTICS
Peak on-state voltage*
(ITM = 24A)
VTM
-
-
2.2
V
Gate trigger current (continuous dc)
(VD = 12V, RL = 100Ω)
IGT
2.0
4.0
8.0
mA
Holding current
(
VD = 12V, gate open, initiating current = 200mA)
IH
4.0
10
20
mA
Latch current
(VD = 12V, Ig = 20mA)
IL
6.0
12
30
mA
Gate trigger voltage (continuous dc)
(VD = 12V, RL = 100Ω)
VGT
0.5
0.65
0.8
V
DYNAMIC CHARACTERISTICS
Critical rate of rise of off-state voltage
(VD = rated VDRM, exponential waveform, gate open, TJ = 125°C)
dv/dt
100
250
-
V/µs
Critical rate of rise of on-state current
(IPK = 50A, Pw = 40µsec, diG/dt = 1A/µs, Igt = 50mA)
di/dt
-
-
50
A/µs
* Pulse width ≤ 1.0ms, duty cycle ≤ 2%.


Similar Part No. - MCR12LN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR12LN ONSEMI-MCR12LN Datasheet
57Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 2
logo
Kersemi Electronic Co.,...
MCR12LN KERSEMI-MCR12LN Datasheet
406Kb / 5P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12LNG ONSEMI-MCR12LNG Datasheet
57Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 2
More results

Similar Description - MCR12LN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com