Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR8SN Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MCR8SN
Description  SILICON CONTROLLED RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR8SN Datasheet(HTML) 1 Page - Digitron Semiconductors

  MCR8SN Datasheet HTML 1Page - Digitron Semiconductors MCR8SN Datasheet HTML 2Page - Digitron Semiconductors MCR8SN Datasheet HTML 3Page - Digitron Semiconductors MCR8SN Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121228
MCR8SD, MCR8SM, MCR8SN
SILICON CONTROLLED RECTIFIERS
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage(1)
Peak repetitive reverse voltage
(TJ = -40 to +110°C, sine wave, 50 to 60Hz, gate open)
MCR8SD
MCR8SM
MCR8SN
VDRM
VRRM
400
600
800
V
On-state RMS current (180° conduction angles, TC = 80°C)
IT(RMS)
8
A
Peak non-repetitive surge current
(one half-cycle, sine wave, 60Hz, TJ = 110°C)
ITSM
80
A
Circuit fusing (t = 8.3ms)
I2t
26.5
A2s
Forward peak gate power (pulse width ≤ 1.0µs, TC = 80°C)
PGM
5
W
Forward average gate power (t = 8.3ms, TC = 80°C)
PG(AV)
0.5
W
Forward peak gate current (pulse width ≤ 1.0µs, TC = 80°C)
IGM
2
A
Operating temperature range
TJ
-40 to +110
°C
Storage temperature range
Tstg
-40 to +150
°C
Note 1: VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; positive gate voltage shall not be applied concurrent
with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
2.2
°C/W
Thermal resistance, junction to ambient
R
ӨJA
62.5
°C/W
Maximum lead temperature for soldering
purposes 1/8” from case for 10s
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak forward blocking current or reverse blocking current(2)
(VD = Rated VDRM or VRRM, RGK = 1kΩ)
TJ = 25°C
TJ = 110°C
IDRM,
IRRM
-
-
-
-
10
500
µA
ON CHARACTERISTICS
Peak on-state voltage(3)
(ITM = 16A)
VTM
-
-
1.8
V
Gate trigger current (continuous dc) (4)
(VD = 12V, RL = 100Ω)
IGT
5.0
25
200
µA
Holding current (4)
(
VD = 12V, gate open, initiating current = 200mA)
IH
-
0.5
6.0
mA
Latch current (4)
(
VD = 12V, IG = 200µA)
IL
-
0.6
8.0
mA
Gate trigger voltage (continuous dc) (4)
(VD = 12V, RL = 100Ω)
TJ = 25°C
TJ = -40°C
VGT
0.3
-
0.65
-
1.0
1.5
V
* Pulse width ≤ 2.0ms, duty cycle ≤ 2%.


Similar Part No. - MCR8SN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR8SN ONSEMI-MCR8SN Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MCR8SN KERSEMI-MCR8SN Datasheet
421Kb / 5P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR8SNG ONSEMI-MCR8SNG Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
More results

Similar Description - MCR8SN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com