Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6642Q Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6642Q
Description  Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6642Q Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6642Q Datasheet HTML 2Page - National Semiconductor (TI) LMH6642Q Datasheet HTML 3Page - National Semiconductor (TI) LMH6642Q Datasheet HTML 4Page - National Semiconductor (TI) LMH6642Q Datasheet HTML 5Page - National Semiconductor (TI) LMH6642Q Datasheet HTML 6Page - National Semiconductor (TI) LMH6642Q Datasheet HTML 7Page - National Semiconductor (TI) LMH6642Q Datasheet HTML 8Page - National Semiconductor (TI) LMH6642Q Datasheet HTML 9Page - National Semiconductor (TI) LMH6642Q Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LMH6642Q, LMH6643Q
SNOSC61B – JANUARY 2012 – REVISED MARCH 2013
www.ti.com
±5V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= −5V, V
CM = VO = 0V, VID (input differential
voltage) as noted (where applicable) and RL = 2kΩ to ground. Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (1)
Typ (2)
Max (1)
Units
CT Rej.
Cross-Talk Rejection
f = 5MHz, Receiver:
47
dB
Rf = Rg = 510Ω, AV = +2
TS
Settling Time
VO = 2VPP, ±0.1%, 8pF Load,
68
ns
VS = 5V
SR
Slew Rate (3)
AV = −1, VI = 2VPP
100
135
V/µs
VOS
Input Offset Voltage
For LMH6642
±1
±5
±7
mV
For LMH6643
±1
±3.4
±7
TC VOS
Input Offset Average Drift
(4)
±5
µV/°C
IB
Input Bias Current
(5)
−1.60
−2.60
µA
−3.25
IOS
Input Offset Current
20
800
nA
1000
RIN
Common Mode Input Resistance
3
M
CIN
Common Mode Input
2
pF
Capacitance
CMVR
Input Common-Mode Voltage
CMRR
≥ 50dB
−5.5
−5.2
Range
−5.1
V
3.8
4.0
3.6
CMRR
Common Mode Rejection Ratio
VCM Stepped from −5V to 3.5V
74
95
dB
AVOL
Large Signal Voltage Gain
VO = −4.5V to 4.5V,
88
96
RL = 2kΩ
84
dB
VO = −4.0V to 4.0V,
78
82
RL = 150Ω
74
VO
Output Swing
RL = 2kΩ, VID = 200mV
4.90
4.96
V
High
RL = 150Ω, VID = 200mV
4.65
4.80
Output Swing
RL = 2kΩ, VID = −200mV
−4.96
−4.90
V
Low
RL = 150Ω, VID = −200mV
−4.80
−4.65
ISC
Output Short Circuit Current
Sourcing to Ground
60
115
VID = 200mV
(6)
35
mA
Sinking to Ground
85
145
VID = −200mV
(6)
65
IOUT
Output Current
VO = 0.5V from either supply
±75
mA
PSRR
Power Supply Rejection Ratio
(V+, V) = (4.5V,
−4.5V) to (5.5V,
78
90
dB
−5.5V)
IS
Supply Current (per channel)
No Load
2.70
4.50
mA
5.50
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
Short circuit test is a momentary test. Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V,
allowable short circuit duration is 1.5ms.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH6642Q LMH6643Q


Similar Part No. - LMH6642Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642Q TI1-LMH6642Q Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6642Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com