Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6682 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6682
Description  190MHz Single Supply, Dual and Triple Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6682 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6682_14 Datasheet HTML 1Page - National Semiconductor (TI) LMH6682_14 Datasheet HTML 2Page - National Semiconductor (TI) LMH6682_14 Datasheet HTML 3Page - National Semiconductor (TI) LMH6682_14 Datasheet HTML 4Page - National Semiconductor (TI) LMH6682_14 Datasheet HTML 5Page - National Semiconductor (TI) LMH6682_14 Datasheet HTML 6Page - National Semiconductor (TI) LMH6682_14 Datasheet HTML 7Page - National Semiconductor (TI) LMH6682_14 Datasheet HTML 8Page - National Semiconductor (TI) LMH6682_14 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LMH6682, LMH6683
www.ti.com
SNOSA43A – MAY 2004 – REVISED APRIL 2013
LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
Check for Samples: LMH6682, LMH6683
1
FEATURES
DESCRIPTION
The
LMH6682
and
LMH6683
are
high
speed
2
VS = ±5V, TA = 25°C, RL = 100Ω, A = +2 (Typical
operational amplifiers designed for use in modern
Values Unless Specified)
video
systems.
These
single
supply
monolithic
DG error 0.01%
amplifiers extend TI's feature-rich, high value video
DP error 0.08°
portfolio to include a dual and a triple version. The
important video specifications of differential gain (±
−3dB BW (A = +2) 190MHz
0.01% typ.) and differential phase (±0.08 degrees)
Slew rate (VS = ±5V) 940V/μs
combined with an output drive current in each
Supply Current 6.5mA/amp
amplifier of 85mA make the LMH6682 and LMH6683
excellent
choices
for
a
full
range
of
video
Output Current +80/
−90mA
applications.
Input Common Mode Voltage 0.5V Beyond
Voltage feedback topology in operational amplifiers
V,1.7V from V+
assures maximum flexibility and ease of use in high
Output Voltage Swing (RL = 2kΩ) 0.8V from
speed
amplifier
designs.
The
LMH6682/83
is
Rails
fabricated in TI's VIP10 process. This advanced
Input Voltage Noise (100KHz) 12nV/
√Hz
process provides a superior ratio of speed to
quiescient current consumption and assures the user
APPLICATIONS
of high-value amplifier designs. Advanced technology
and circuit design enables in these amplifiers a
−3db
CD/DVD ROM
bandwidth of 190MHz, a slew rate of 940V/
μsec, and
ADC Buffer Amp
stability for gains of less than
−1 and greater than +2.
Portable Video
The input stage design of the LM6682/83 enables an
Current Sense Buffer
input signal range that extends below the negative
rail. The output stage voltage range reaches to within
Portable Communications
0.8V of either rail when driving a 2k
Ω load. Other
attractive features include fast settling and low
distortion. Other applications for these amplifiers
include servo control designs. These applications are
sensitive to amplifiers that exhibit phase reversal
when the inputs exceed the rated voltage range. The
LMH6682/83 amplifiers are designed to be immune to
phase reversal when the specified input range is
exceeded. See applications section. This feature
makes for design simplicity and flexibility in many
industrial applications.
The LMH6682 dual operational amplifier is offered in
miniature surface mount packages, SOIC-8, and
VSSOP-8. The LMH6683 triple amplifier is offered in
SOIC-14 and TSSOP-14.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6682_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6682 TI1-LMH6682_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
More results

Similar Description - LMH6682_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6682 NSC-LMH6682 Datasheet
842Kb / 20P
   190MHz Single Supply, Dual and Triple Operational Amplifiers
logo
Texas Instruments
LMH6704 TI1-LMH6704 Datasheet
944Kb / 20P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6683 TI1-LMH6683 Datasheet
1Mb / 30P
[Old version datasheet]   190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6682 TI1-LMH6682_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6682/6683 190MHz Single Supply, Dual and Triple Operational Amplifiers
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com