Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6643MM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MM
Description  Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6643MM Datasheet HTML 1Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 2Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 3Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 4Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966P – MAY 2001 – REVISED MARCH 2013
5V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2, V
ID (input differential
voltage) as noted (where applicable) and RL = 2kΩ to V
+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
CT Rej.
Cross-Talk Rejection
f = 5MHz, Receiver:
47
dB
Rf = Rg = 510Ω, AV = +2
TS
Settling Time
VO = 2VPP, ±0.1%, 8pF Load
68
ns
SR
Slew Rate (3)
AV = −1, VI = 2VPP
95
125
V/µs
VOS
Input Offset Voltage
For LMH6642 and LMH6644
±1
±5
±7
mV
For LMH6643
±1
±3.4
±7
TC VOS
Input Offset Average Drift
See (4)
±5
µV/°C
IB
Input Bias Current
See (5)
−1.70
−2.60
µA
−3.25
IOS
Input Offset Current
20
800
nA
1000
RIN
Common Mode Input Resistance
3
M
CIN
Common Mode Input
2
pF
Capacitance
CMVR
Input Common-Mode Voltage
CMRR
≥ 50dB
−0.5
−0.2
Range
−0.1
V
3.8
4.0
3.6
CMRR
Common Mode Rejection Ratio
VCM Stepped from 0V to 3.5V
72
95
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.50V
86
98
RL = 2kΩ to V
+/2
82
dB
VO = 0.5V to 4.25V
76
82
RL = 150Ω to V
+/2
72
VO
Output Swing
RL = 2kΩ to V
+/2, V
ID = 200mV
4.90
4.98
V
High
RL = 150Ω to V
+/2, V
ID = 200mV
4.65
4.90
Output Swing
RL = 2kΩ to V
+/2, V
ID = −200mV
25
100
mV
Low
RL = 150Ω to V
+/2, V
ID = −200mV
100
150
ISC
Output Short Circuit Current
Sourcing to V+/2
55
115
VID = 200mV
(6) (7)
40
mA
Sinking to V+/2
70
140
VID = −200mV
(6) (7)
55
IOUT
Output Current
VO = 0.5V from either supply
±70
mA
+PSRR
Positive Power Supply Rejection
V+ = 4.0V to 6V
79
90
dB
Ratio
IS
Supply Current (per channel)
No Load
2.70
4.25
mA
5.00
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
Short circuit test is a momentary test. See Note 7.
(7)
Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6642 LMH6643 LMH6644


Similar Part No. - LMH6643MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6643MM NSC-LMH6643MM Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MM TI-LMH6643MM Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MM TI-LMH6643MM Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MM TI-LMH6643MM Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6643MM NSC-LMH6643MM Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6643MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com