Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6643MM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MM
Description  Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMH6643MM Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 9Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 10Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 11Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 12Page - National Semiconductor (TI) LMH6643MM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
100k
1M
10M
100M
FREQUENCY (Hz)
0
1
2
3
VS = 3V
AV = -1
RL = 2k
RL = 100:
100K
1M
10M
100M
FREQUENCY (Hz)
0
1
2
3
4
5
VS = 5V
AV = -1
Rf = 2k
RL = 2K to VS/2
100K
1M
10M
200M
FREQUENCY (Hz)
-0.1
+0.1
0
VO = 0.4VPP
AV = +2
RF = 806:
RL = 150:
±5V
±2.5V
±1.5V
+0.2
+0.3
-155
-65
-20
+25
±1.5V
±2.5V
±5V
GAIN
PHASE
-110
100K
1M
10M
200M
FREQUENCY (Hz)
0
2
4
6
±5V
±1.5V
±2.5V
VO = 0.4VPP
AV = +2
RF = 806:
RL 150:
100k
1M
10M
200M
FREQUENCY (Hz)
4.0
2.0
AV = +2
RF = RL = 2k
±5V
4VPP
±2.5V
2VPP
6.0
8.0
0.0
100k
1M
10M
200M
FREQUENCY (Hz)
4.0
2.0
VO = 0.2VPP
AV = +2
RF = RL = 2k
±5
V
±2.5V
±1.5V
6.0
8.0
0.0
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966P – MAY 2001 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = +5, V= −5V, R
F = RL = 2kΩ. Unless otherwise specified.
Closed Loop Small Signal Frequency Response for Various
Large Signal Frequency Response
Supplies
Figure 13.
Figure 14.
Closed Loop Frequency Response for Various Supplies
±0.1dB Gain Flatness for Various Supplies
Figure 15.
Figure 16.
VOUT (VPP) for THD < 0.5%
VOUT (VPP) for THD < 0.5%
Figure 17.
Figure 18.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6642 LMH6643 LMH6644


Similar Part No. - LMH6643MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6643MM NSC-LMH6643MM Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MM TI-LMH6643MM Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MM TI-LMH6643MM Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MM TI-LMH6643MM Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6643MM NSC-LMH6643MM Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6643MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com