Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6704MANOPB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6704MANOPB
Description  MHz Selectable Gain Buffer with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704MANOPB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6704MANOPB Datasheet HTML 1Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LMH6704
www.ti.com
SNOSAD0C – FEBRUARY 2005 – REVISED MARCH 2013
Electrical Characteristics
(1)
TA = +25°C , AV = +2, VS = ±5V, RL = 100Ω; unless specified.
Symbol
Parameter
Conditions
Min (2)
Typ (2)
Max (2)
Units
Dynamic Performance
SSBW
VOUT = 0.5 VPP, AV = +1
650
SSBW
-3 dB Bandwidth
VOUT = 0.5 VPP
450
MHz
LSBW
VOUT = 2 VPP
400
GF0.1dB
0.1 dB Gain Bandwidth
VOUT = 2 VPP
200
MHz
SR
Slew Rate
VOUT = 4 VPP, 40% to 60%
(3)
3000
V/µs
Rise and Fall Time
TRS/TRL
2V Step
0.9
ns
(10% to 90%)
ts
Settling Time to 0.1%
2V Step
10
ns
Distortion and Noise Response
HD2L
2nd Harmonic Distortion
VOUT = 2.0 VPP, f = 10 MHz
−62
dBc
HD2H
VOUT = 2.0 VPP, f = 40 MHz
−52
HD3L
3rd Harmonic Distortion
VOUT = 2.0 VPP, f = 10 MHz
−78
dBc
HD3H
VOUT = 2.0 VPP, f = 40 MHz
−65
IMD
Two-Tone Intermodulation
f = 10 MHz, POUT = 10 dBm/tone
−65
dBc
AV = +2
10.5
VN
Output Noise Voltage
f = 100 kHz
AV = +1
9.3
nV/
√Hz
AV = −1
10.5
INN
Non-Inverting Input Noise Current
3
pA/
√Hz
DG
Differential Gain
RL = 150Ω, f = 4.43 MHz
.02
%
DP
Differential Phase
RL = 150Ω, f = 4.43 MHz
0.02
deg
Static, DC Performance
1.98
2.00
2.02
AV
Gain
V/V
1.96
2.04
−1
+1
Gain Error
%
−2
+2
2
±7
VIO
Input Offset Voltage
mV
±8.3
DVIO
Input Offset Voltage Average Drift
35
μV/°C
Non-Inverting (4)
−5
±15
IBN
Input Bias Current
μA
±18
±22
IBI
Input Bias Current
Inverting
5
±31
CMIR
Common Mode Input Range
VIO ≤ 15 mV
±1.9
±2
V
PSRR
Power Supply Rejection Ratio
DC
48
52
dB
47
RL = ∞
±3.3
±3.5
±3.18
VO
Output Voltage Swing
V
RL = 100Ω
±3.2
±3.5
±3.12
IO
Linear Output Current
VOUT ≤ 80 mV
±55
±90
mA
11.5
12.5
Supply Current (Enabled)
DIS = 2V, RL = ∞
13.7
IS
mA
0.25
0.9
Supply Current (Disabled)
DIS = 0.8V, RL = ∞
0.925
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. Parametric performance is indicated in the electrical tables under conditions of
internal self-heating where TJ > TA. Min/Max ratings are based on production testing unless otherwise specified.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested on shipped production material.
(3)
Slew Rate is the average of the rising and falling edges.
(4)
Negative current implies current flowing out of the device.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6704


Similar Part No. - LMH6704MANOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6704MA NSC-LMH6704MA Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704MA/NOPB TI1-LMH6704MA/NOPB Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
LMH6704MAX NSC-LMH6704MAX Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
More results

Similar Description - LMH6704MANOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com