Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6658MM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6658MM
Description  270MHz Single Supply, Single & Dual Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6658MM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6658MM Datasheet HTML 1Page - National Semiconductor (TI) LMH6658MM Datasheet HTML 2Page - National Semiconductor (TI) LMH6658MM Datasheet HTML 3Page - National Semiconductor (TI) LMH6658MM Datasheet HTML 4Page - National Semiconductor (TI) LMH6658MM Datasheet HTML 5Page - National Semiconductor (TI) LMH6658MM Datasheet HTML 6Page - National Semiconductor (TI) LMH6658MM Datasheet HTML 7Page - National Semiconductor (TI) LMH6658MM Datasheet HTML 8Page - National Semiconductor (TI) LMH6658MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMH6657, LMH6658
www.ti.com
SNOSA35F – AUGUST 2002 – REVISED MARCH 2013
±5V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= −5V, V
CM = VO, and RL = 100Ω (or as
specified) tied to 0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
GF0.1dB
0.1dB Gain Flatness
AV = +2, ±0.1dB, VOUT = 200mVPP
20
MHz
PBW
Full Power Bandwidth
−1dB, VOUT = 8VPP, AV = −1
30
MHz
DG
Differential Gain
NTSC, RL = 150Ω, Pos. or Neg. Video
0.03
%
DP
Differential Phase
NTSC,RL = 150Ω, Pos. or Neg. Video
0.1
deg
Time Domain Response
tr
Rise and Fall Time
AV = +2, VOUT = 500mVPP
3.3
ns
AV = −1, VOUT = 500mVPP
3.3
OS
Overshoot, Undershoot
AV = +2, VOUT = 500mVPP
16
%
ts
Settling Time
VO = 5VPP, ±0.1%, RL =500Ω,
35
ns
AV = −1
SR
Slew Rate(3)
AV = −1, VO = 8VPP
700
V/µs
AV = +2, VO = 8VPP
500
Distortion and Noise Response
HD2
2nd Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = -1
−70
dBc
HD3
3rd Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = -1
−57
dBc
THD
Total Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = -1
−55.5
dBc
Vn
Input-Referred Voltage Noise
f = 100KHz
11
nV/
√Hz
f = 1KHz
19
In
Input-Referred Current Noise
f = 100KHz
2.1
pA/
√Hz
f = 1KHz
7.5
XTLKA
Cross-Talk Rejection (LMH6658)
f = 5MHz, RL (SND) = 100Ω
69
dB
RCV: RF = RG = 1k
Static, DC Performance
AVOL
Large Signal Voltage Gain
VO = −3.75V to 3.75V, RL = 2k
87
100
VO = −3.5V to 3.5V, RL = 150Ω
80
90
dB
VO = −3V to 3V, RL = 50Ω
75
85
CMVR
Input Common-Mode Voltage
CMRR
≥ 50dB
−5.2
−5.5
Range
−5.1
V
3.0
3.3
2.8
VOS
Input Offset Voltage
±1.0
±5
mV
±7
TC VOS
Input Offset Voltage Average Drift See(4)
±2
μV/C
IB
Input Bias Current
See(5)
−5
−20
μA
−30
TCIB
Input Bias Current Average Drift
See(4)
0.01
nA/°C
IOS
Input Offset Current
50
300
nA
500
CMRR
Common ModeRejection Ratio
VCM Stepped from −5V to 3.0V
75
84
dB
+PSRR
Positive Power Supply Rejection
V+ = 4.5V to 5.5V, VCM = −4V
75
82
dB
Ratio
−PSRR
Negative Power Supply Rejection
V=
−4.5V to −5.5V
78
85
dB
Ratio
IS
Supply Current (per channel)
No load
6.5
9.0
mA
11
Miscellaneous Performance
(3)
Slew rate is the "worst case" of the rising and falling slew rates.
(4)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6657 LMH6658


Similar Part No. - LMH6658MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6658MM TI-LMH6658MM Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
LMH6658MM TI1-LMH6658MM Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MM/NOPB TI1-LMH6658MM/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MMX TI-LMH6658MMX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
LMH6658MMX TI1-LMH6658MMX Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
More results

Similar Description - LMH6658MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com