Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA830 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  OPA830 Datasheet HTML 1Page - National Semiconductor (TI) OPA830 Datasheet HTML 2Page - National Semiconductor (TI) OPA830 Datasheet HTML 3Page - National Semiconductor (TI) OPA830 Datasheet HTML 4Page - National Semiconductor (TI) OPA830 Datasheet HTML 5Page - National Semiconductor (TI) OPA830 Datasheet HTML 6Page - National Semiconductor (TI) OPA830 Datasheet HTML 7Page - National Semiconductor (TI) OPA830 Datasheet HTML 8Page - National Semiconductor (TI) OPA830 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
5
ELECTRICAL CHARACTERISTICS: VS = +3V
Boldface limits are tested at +25
°C.
At TA = 25°C, G = +2, and RL = 150Ω to VS/3, unless otherwise noted (see Figure 2).
OPA830ID, IDBV
TYP
MIN/MAX OVER
TEMPERATURE
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
0
°C to
70
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL
(3)
AC PERFORMANCE (see Figure 2)
Small-Signal Bandwidth
G = +2, VO ≤ 0.2VPP
100
72
68
MHz
min
B
G = +5, VO ≤ 0.2VPP
22
17
16
MHz
min
B
G = +10, VO ≤ 0.2VPP
10
8
7
MHz
min
B
Gain-Bandwidth Product
G
≥ +10
100
80
76
MHz
min
B
Slew Rate
1V Step
225
140
110
V/
µs
min
B
Rise Time
0.5V Step
3.3
5.5
5.6
ns
max
B
Fall Time
0.5V Step
3.3
5.5
5.6
ns
max
B
Settling Time to 0.1%
1V Step
45
72
87
ns
max
B
Harmonic Distortion
VO = 1VPP, f = 5MHz
2nd-Harmonic
RL = 150Ω
−67
−61
−59
dBc
max
B
RL ≥ 500Ω
−67
−61
−59
dBc
max
B
3rd-Harmonic
RL = 150Ω
−66
−59
−58
dBc
max
B
RL ≥ 500Ω
−77
−59
−58
dBc
max
B
Input Voltage Noise
f > 1MHz
9.2
10.2
10.7
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
3.5
4.5
5.0
pA/
√Hz
max
B
DC PERFORMANCE(4)
Open-Loop Voltage Gain
72
66
65
dB
min
A
Input Offset Voltage
±1.5
±7
±8.1
mV
max
A
Average Offset Voltage Drift
±25
µV/°C
max
B
Input Bias Current
VCM = 1.0V
+5
+10
+12
µA
max
A
Input Bias Current Drift
±12
nA/
°C
max
B
Input Offset Current
VCM = 1.0V
±0.1
±1
±1.2
µA
max
A
Input Offset Current Drift
±5
nA/
°C
max
B
INPUT
Least Positive Input Voltage(5)
−0.45
−0.4
−0.27
V
max
A
Most Positive Input Voltage(5)
1.2
1.1
1.0
V
min
A
Common-Mode Rejection Ratio (CMRR)
Input-Referred
80
75
73
dB
min
A
Input Impedance
Differential-Mode
10
 2.1
k
Ω pF
typ
C
Common-Mode
400
1.2
k
Ω pF
typ
C
OUTPUT
Least Positive Output Voltage
G = +5, RL = 1kΩ to 1.5V
0.08
0.11
0.125
V
max
A
G = +5, RL = 150Ω to 1.5V
0.17
0.39
0.40
V
max
A
Most Positive Output Voltage
G = +5, RL = 1kΩ to 1.5V
2.91
2.88
2.85
V
min
A
G = +5, RL = 150Ω to 1.5V
2.82
2.74
2.70
V
min
A
Current Output, Sourcing
30
20
18
mA
min
A
Current Output, Sinking
30
20
18
mA
min
A
Short-Circuit Output Current
Output Shorted to Either Supply
45
mA
typ
C
Closed-Loop Output Impedance
See Figure 2, f < 100kHz
0.06
typ
C
POWER SUPPLY
Minimum Operating Voltage
+2.8
V
min
B
Maximum Operating Voltage
+11
+11
V
max
A
Maximum Quiescent Current
VS = +3V
3.7
4.0
4.7
mA
max
A
Minimum Quiescent Current
VS = +3V
3.7
3.3
3.1
mA
min
A
Power-Supply Rejection Ratio (PSRR)
Input-Referred
64
60
58
dB
min
A
THERMAL CHARACTERISTICS
Specification: ID, IDBV
−40 to +85
°C
typ
C
Thermal Resistance,
qJA
D
SO-8
125
°C/W
typ
C
DBV
SOT23-5
150
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limits; junction temperature = ambient +5°C at high temperature limit for over temperature.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only
for information.
(4) Current considered positive out of pin.
(5) Tested < 3dB below minimum specified CMRR at ± CMIR limits.


Similar Part No. - OPA830

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 BURR-BROWN-OPA830 Datasheet
609Kb / 32P
   Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA830

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP_15 Datasheet
727Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA4830 NSC-OPA4830 Datasheet
1Mb / 45P
   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA4830IPW TI-OPA4830IPW Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com