Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656UB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656UB
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656UB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button OPA656UB Datasheet HTML 3Page - National Semiconductor (TI) OPA656UB Datasheet HTML 4Page - National Semiconductor (TI) OPA656UB Datasheet HTML 5Page - National Semiconductor (TI) OPA656UB Datasheet HTML 6Page - National Semiconductor (TI) OPA656UB Datasheet HTML 7Page - National Semiconductor (TI) OPA656UB Datasheet HTML 8Page - National Semiconductor (TI) OPA656UB Datasheet HTML 9Page - National Semiconductor (TI) OPA656UB Datasheet HTML 10Page - National Semiconductor (TI) OPA656UB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
OPA656
7
SBOS196G
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2, RF = 250Ω, RL = 100Ω, unless otherwise noted.
INPUT CURRENT AND VOLTAGE NOISE DENSITY
10
100
1k
10k
100k
1M
10M
f (Hz)
100
10
1
Input Voltage Noise 7nV/
√Hz
Input Current Noise 1.3fA/
√Hz
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
1k
100k
1M
10M
10k
100M
Frequency (Hz)
110
100
90
80
70
60
50
40
30
20
CMRR
+PSRR
–PSRR
OPEN-LOOP GAIN AND PHASE
1k
100
100k
1M
10M
10k
1G
100M
Frequency (Hz)
70
60
50
40
30
20
10
0
0
–30
–60
–90
–120
–150
–180
–210
20 log(A
OL)
< A
OL
RECOMMENDED R
S vs CAPACITIVE LOAD
10
100
1k
Capacitive Load (pF)
100
10
1
For Maximally Flat Frequency Response
FREQUENCY RESPONSE vs CAPACITIVE LOAD
1
10
100
500
Frequency (MHz)
9
6
3
0
–3
–6
–9
–12
R
S
50
1k
V
I
V
O
C
L
250
250
OPA656
C
L = 22pF
C
L = 100pF
C
L = 10pF
2-TONE, 3RD-ORDER
INTERMODULATION SPURIOUS
–10
–8
–6
–4
–24
2
06
8
Single-Tone Load Power (dBm)
–30
–40
–50
–60
–70
–80
–90
–100
50
50
50
P
I
P
O
250
250
OPA656
5MHz
2MHz
15MHz
10MHz


Similar Part No. - OPA656UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656UB TI-OPA656UB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656UB TI-OPA656UB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656UB TI1-OPA656UB Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA656UB/2K5 TI-OPA656UB/2K5 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656UB/2K5 TI1-OPA656UB/2K5 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
More results

Similar Description - OPA656UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
[Old version datasheet]   OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com