Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA890ID Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890ID
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890ID Datasheet(HTML) 4 Page - National Semiconductor (TI)

  OPA890ID Datasheet HTML 1Page - National Semiconductor (TI) OPA890ID Datasheet HTML 2Page - National Semiconductor (TI) OPA890ID Datasheet HTML 3Page - National Semiconductor (TI) OPA890ID Datasheet HTML 4Page - National Semiconductor (TI) OPA890ID Datasheet HTML 5Page - National Semiconductor (TI) OPA890ID Datasheet HTML 6Page - National Semiconductor (TI) OPA890ID Datasheet HTML 7Page - National Semiconductor (TI) OPA890ID Datasheet HTML 8Page - National Semiconductor (TI) OPA890ID Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
OPA890
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
Boldface limits are tested at +25°C.
At RF = 750Ω, G = +2V/V, and RL = 100Ω, unless otherwise noted.
OPA890ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C
(2)
+70°C
(3)
+85°C
(3)
UNITS
MAX
LEVEL
(1)
DISABLE
Disable LOW
Power-Down Supply Current (+VS)
VDIS = 0
30
55
60
75
μA
max
A
Disable Time
VIN = 1VDC
7
μs
typ
C
Enable Time
VIN = 1VDC
200
ns
typ
C
Off Isolation
G = +2V/V, f = 5MHz
70
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Enable Voltage
3.0
3.2
3.4
3.8
V
min
A
Disable Voltage
1.4
1.1
1.0
0.8
V
max
A
Control Pin Input Bias Current (VDIS)
VDIS = 0V, Each Channel
15
30
35
40
μA
max
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Minimum Operating Voltage
±1.5
V
typ
C
Maximum Operating Voltage
±6.0
±6.0
±6.0
V
max
A
Maximum Quiescent Current
VS = ±5V
1.1
1.2
1.22
1.25
mA
max
A
Minimum Quiescent Current
VS = ±5V
1.1
1.05
1.02
1
mA
min
A
Power-Supply Rejection Ratio
(+PSRR)
+VS = 4.5V to 5.5V
74
66
62
60
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Range
–40 to +85
°C
typ
C
Thermal Resistance θ JA
Junction-to-Ambient
D
SO-8
105
°C/W
typ
C
DBV
SOT23-6
110
°C/W
typ
C
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA890


Similar Part No. - OPA890ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA890ID BURR-BROWN-OPA890ID Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBV BURR-BROWN-OPA890IDBV Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVR BURR-BROWN-OPA890IDBVR Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVT BURR-BROWN-OPA890IDBVT Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDR BURR-BROWN-OPA890IDR Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA890ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com