Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2832IDGKR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA2832IDGKR
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832IDGKR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button OPA2832IDGKR Datasheet HTML 7Page - National Semiconductor (TI) OPA2832IDGKR Datasheet HTML 8Page - National Semiconductor (TI) OPA2832IDGKR Datasheet HTML 9Page - National Semiconductor (TI) OPA2832IDGKR Datasheet HTML 10Page - National Semiconductor (TI) OPA2832IDGKR Datasheet HTML 11Page - National Semiconductor (TI) OPA2832IDGKR Datasheet HTML 12Page - National Semiconductor (TI) OPA2832IDGKR Datasheet HTML 13Page - National Semiconductor (TI) OPA2832IDGKR Datasheet HTML 14Page - National Semiconductor (TI) OPA2832IDGKR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
TYPICAL CHARACTERISTICS: VS = ±5V (Differential)
Frequency (MHz)
1
10
100
400
9
6
3
0
−3
−6
−9
G
D = +2V/V
R
L = 500Ω
V
O = 0.2VPP
R
L
V
O
V
I
+5V
−5V
1 /2
O PA 28 32
1 /2
O PA 28 32
400
400
400
400
Frequency (MHz)
1
10
100
300
9
6
3
0
−3
−6
−9
G
D = +2V/V
R
L = 500Ω
V
O = 4VPP
Frequency (MHz)
0.1
10
1
100
−60
−70
−80
−90
−100
−110
−120
3rd−Harmonic
2nd−Harmonic
G
D = +2V/V
R
L = 500Ω
V
O = 2VPP
Output Voltage (V
PP)
1
10
−80
−85
−90
−95
−100
−105
−110
G
D = +2V/V
R
L = 500Ω
f = 1MHz
2nd−Harmonic
3rd−Harmonic
Load Resistance (
Ω )
100
1k
−75
−80
−85
−90
−95
−100
−105
−110
G
D = +2V/V
V
O = 2VPP
f = 1MHz
2nd−Harmonic
3rd−Harmonic
OPA2832
www.ti.com ............................................................................................................................................. SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008
At TA = +25°C, Differential Gain = +2V/V, and RL = 500Ω, unless otherwise noted.
DIFFERENTIAL PERFORMANCE TEST CIRCUIT
SMALL-SIGNAL FREQUENCY RESPONSE
Figure 13.
Figure 14.
LARGE-SIGNAL FREQUENCY RESPONSE
HARMONIC DISTORTION vs FREQUENCY
Figure 15.
Figure 16.
HARMONIC DISTORTION vs OUTPUT SWING
HARMONIC DISTORTION vs LOAD RESISTANCE
Figure 17.
Figure 18.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA2832


Similar Part No. - OPA2832IDGKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2832 BURR-BROWN-OPA2832 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2832 BURR-BROWN-OPA2832 Datasheet
609Kb / 32P
   Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI-OPA2832 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
More results

Similar Description - OPA2832IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Burr-Brown (TI)
OPA3832 BURR-BROWN-OPA3832_07 Datasheet
609Kb / 32P
   Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
   High-Speed, Low-Power Dual Operational Amplifier
AD826 AD-AD826_15 Datasheet
725Kb / 15P
   High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Fairchild Semiconductor
RC4558 FAIRCHILD-RC4558 Datasheet
68Kb / 10P
   Dual High-Gain Operational Amplifier
RM4559D FAIRCHILD-RM4559D Datasheet
95Kb / 14P
   Dual High-Gain Operational Amplifier
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com