Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2889IDG4 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OPA2889IDG4
Description  Dual, Low-Power, Wideband, Voltage-Feedback
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2889IDG4 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button OPA2889IDG4 Datasheet HTML 6Page - National Semiconductor (TI) OPA2889IDG4 Datasheet HTML 7Page - National Semiconductor (TI) OPA2889IDG4 Datasheet HTML 8Page - National Semiconductor (TI) OPA2889IDG4 Datasheet HTML 9Page - National Semiconductor (TI) OPA2889IDG4 Datasheet HTML 10Page - National Semiconductor (TI) OPA2889IDG4 Datasheet HTML 11Page - National Semiconductor (TI) OPA2889IDG4 Datasheet HTML 12Page - National Semiconductor (TI) OPA2889IDG4 Datasheet HTML 13Page - National Semiconductor (TI) OPA2889IDG4 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
60
55
50
45
40
35
30
25
20
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
-50
-25
0
25
50
75
100
125
AmbientTemperature( C)
°
QuiescentCurrent(I )
Q
OutputCurrent,Sourcing
OutputCurrent,Sinking
3.0
2.5
2.0
1.5
1.0
0.5
0
216
180
144
108
72
36
-50
-25
0
25
50
75
100
125
AmbientTemperature( C)
°
InputBiasCurrent(I )
B
InputOffsetCurrent(I
)
OS
InputOffset
Voltage(V
)
OS
6
4
2
0
2
-
3
2
1
0
1
-
Time(5ns/div)
8
6
4
2
0
2
4
6
8
-
-
-
-
4
3
2
1
0
1
2
3
4
-
-
-
-
Time(10ns/div)
OutputVoltage
LeftScale
InputVoltage
RightScale
R =100
G=+2V/V
W
L
100
10
1
0.1
0.01
0.001
1k
10k
100k
1M
10M
100M
Frequency(Hz)
750W
Z
O
374W
750W
1/2
OPA2889
120
100
80
60
40
20
0
20
-
0
30
60
90
120
150
180
210
-
-
-
-
-
-
-
100
1k
10k
100k
1M
10M
100M
1G
Frequency(Hz)
Open-LoopGain
Open-LoopPhase
OPA2889
SBOS373B – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 100Ω, unless otherwise noted. See Figure 50.
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
TYPICAL DC DRIFT OVER TEMPERATURE
Figure 19.
Figure 20.
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
NONINVERTING OVERDRIVE RECOVERY
Figure 21.
Figure 22.
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
OPEN-LOOP GAIN AND PHASE
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2889


Similar Part No. - OPA2889IDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2889IDGSR BURR-BROWN-OPA2889IDGSR Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
OPA2889IDGST BURR-BROWN-OPA2889IDGST Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA2889IDG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2890 NSC-OPA2890 Datasheet
1Mb / 38P
   Low-Power, Wideband, Voltage-Feedback Low-Power, Wideband, Voltage-Feedback
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com