Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2890IDGST Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2890IDGST
Description  Low-Power, Wideband, Voltage-Feedback Low-Power, Wideband, Voltage-Feedback
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2890IDGST Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button OPA2890IDGST Datasheet HTML 3Page - National Semiconductor (TI) OPA2890IDGST Datasheet HTML 4Page - National Semiconductor (TI) OPA2890IDGST Datasheet HTML 5Page - National Semiconductor (TI) OPA2890IDGST Datasheet HTML 6Page - National Semiconductor (TI) OPA2890IDGST Datasheet HTML 7Page - National Semiconductor (TI) OPA2890IDGST Datasheet HTML 8Page - National Semiconductor (TI) OPA2890IDGST Datasheet HTML 9Page - National Semiconductor (TI) OPA2890IDGST Datasheet HTML 10Page - National Semiconductor (TI) OPA2890IDGST Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
9
6
3
0
-3
-6
-9
Frequency(MHz)
1
10
100
400
R =200
L
W
G=+2V/V
4V
PP
7V
PP
1V
PP
2V
PP
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
600
V =0.5V
O
PP
G=+1V/V
R =0
F
W
G=+2V/V
G=+5V/V
G=+10V/V
400
300
200
100
0
-100
-200
-300
-400
Time(10ns/div)
V =500mV
O
PP
G=+2V/V
4
3
2
1
0
-1
-2
-3
-4
Time(10ns/div)
V =5V
O
PP
G=+2V/V
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
VideoLoads
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
1
2
3
4
-dP
-dG
+dP
+dG
-40
-45
-50
-55
-60
-65
-70
-75
-80
Frequency(MHz)
1
10
100
Input-Referred
OPA2890
www.ti.com
SBOS364C – DECEMBER 2007 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS: VS = ±5V
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 200Ω, unless otherwise noted. See Figure 49.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 3.
Figure 4.
VIDEO DIFFERENTIAL GAIN/DIFFERENTIAL PHASE
CHANNEL-TO-CHANNEL CROSSTALK
Figure 5.
Figure 6.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA2890


Similar Part No. - OPA2890IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2890IDGST TI-OPA2890IDGST Datasheet
780Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890IDGST TI-OPA2890IDGST Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890IDGSTG4 TI-OPA2890IDGSTG4 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA2890IDGST

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2889 NSC-OPA2889 Datasheet
1Mb / 38P
   Dual, Low-Power, Wideband, Voltage-Feedback
logo
Texas Instruments
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA847 BURR-BROWN-OPA847 Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
logo
Texas Instruments
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com