Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0E2200AX Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # 0E2200AX
Description  MINIATURE Switch E21-E36 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

0E2200AX Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  0E2200AX Datasheet HTML 1Page - Cherry Semiconductor Corporation 0E2200AX Datasheet HTML 2Page - Cherry Semiconductor Corporation 0E2200AX Datasheet HTML 3Page - Cherry Semiconductor Corporation 0E2200AX Datasheet HTML 4Page - Cherry Semiconductor Corporation 0E2200AX Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MINIATURE
E21-E36 Series
Dimensions inches
Common terminal dimensions valid for 0.187” QC terminals only
Not recommended for new designs
Please review our D4 series
http://www.cherrycorp.com/english/switches/miniature/d4.htm


Similar Part No. - 0E2200AX

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
0E2200AX ZFSWITCHES-0E2200AX Datasheet
1Mb / 5P
   High temperature versions optional
More results

Similar Description - 0E2200AX

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
D364-V1AA CHERRY-D364-V1AA Datasheet
555Kb / 2P
   miniature switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
TE Connectivity Ltd
MRSS TEC-MRSS Datasheet
1Mb / 5P
   MRSS - MINIATURE ROTARY SWITCH SERIES
05/22
logo
Omron Electronics LLC
A8L OMRON-A8L Datasheet
547Kb / 6P
   Miniature Rocker Switch
logo
Copal Electronics
BT_SERIES COPAL-BT_SERIES Datasheet
242Kb / 3P
   Miniature Toggle Switch
logo
List of Unclassifed Man...
D42L-R1AA ETC2-D42L-R1AA Datasheet
1Mb / 2P
   D4 miniature switch
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Reed Relays and Electro...
MO-1422-15-18 RRE-MO-1422-15-18 Datasheet
100Kb / 1P
   Miniature Reed Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
   MINIATURE ROTARY SWITCH
logo
Cynergy3 Co
RSF50 CYNERGY3-RSF50 Datasheet
416Kb / 1P
   miniature single switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com