Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4041CDRG4 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4041CDRG4
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4041CDRG4 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  THS4041CDRG4 Datasheet HTML 1Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
θJA
θJC
TA = 25°C
PACKAGE
θJA
(
°C/W)
θJC
(
°C/W)
TA = 25 C
POWER RATING
D
167†
38.3
740 mW
DGN‡
58.4
4.7
2.14 W
† This data was taken using the JEDEC standard Low-K test PCB. For the JEDEC proposed
High-K test PCB, the
θJA is 95°C/W with a power rating at TA = 25°C of 1.32 W.
‡ This data was taken using 2 oz. trace and copper pad that is soldered directly to a 3 in. × 3 in.
PC. For further information, refer to Application Information section of this data sheet.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC+ and VCC−
Dual supply
±4.5
±16
V
Supply voltage, VCC+ and VCC−
Single supply
9
32
V
Operating free-air temperature, TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
−40
85
°C
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
Rf = 200 Ω
Gain = 1
165
MHz
Dynamic performance small-signal bandwidth
VCC = ±5 V
Rf = 200 Ω
Gain = 1
150
MHz
Dynamic performance small-signal bandwidth
(−3 dB)
VCC = ±15 V
Rf = 1.3 kΩ
Gain = 2
60
MHz
BW
(−3 dB)
VCC = ±5 V
Rf = 1.3 kΩ
Gain = 2
60
MHz
BW
Bandwidth for 0.1 dB flatness
VCC = ±15 V
Rf = 200 Ω
Gain = 1
45
MHz
Bandwidth for 0.1 dB flatness
VCC = ±5 V
Rf = 200 Ω
Gain = 1
45
MHz
Full power bandwidth§
VO(pp) = 20 V,
VCC = ±15 V
6.3
MHz
Full power bandwidth§
VO(pp) = 5 V,
VCC = ±5 V
20
MHz
SR
Slew rate‡
VCC = ±15 V,
20-V step,
Gain = 5
400
V/ s
SR
Slew rate‡
VCC = ±5 V,
5-V step,
Gain = −1
325
V/
µs
Settling time to 0.1%
VCC = ±15 V,
5-V step
Gain = −1
120
ns
ts
Settling time to 0.1%
VCC = ±5 V,
2-V step
Gain = −1
120
ns
ts
Settling time to 0.01%
VCC = ±15 V,
5-V step
Gain = −1
250
ns
Settling time to 0.01%
VCC = ±5 V,
2-V step
Gain = −1
280
ns
† Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix
‡ Slew rate is measured from an output level range of 25% to 75%.
§ Full power bandwidth = slew rate / 2 π VO(Peak).


Similar Part No. - THS4041CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4041CDRG4 TI-THS4041CDRG4 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4041CDRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
[Old version datasheet]   165MHZ C-STABLE HIGH SPEED AMPLIFIERS
THS4001 TI-THS4001 Datasheet
239Kb / 16P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
THS4001CDR TI1-THS4001CDR Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
ADV7513 AD-ADV7513 Datasheet
207Kb / 12P
   165 MHz, High Performance
REV. 0
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
   Quad 60 MHz High Speed Operational Amplifier
EL2223 ELANTEC-EL2223 Datasheet
750Kb / 10P
   Dual, 500 MHz High Speed, Operational Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com