Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4041CDRG4 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4041CDRG4
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4041CDRG4 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4041CDRG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4041CDRG4 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 30
−40
−50
−60
−70
−100
−80
−90
DISTORTION
vs
FREQUENCY
f − Frequency − Hz
20M
10M
100k
1M
3rd Harmonic
2nd Harmonic
VCC = ±5 V
Gain = 2
RL = 1 kΩ
VO(pp) = 2 V
Figure 31
DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
2nd Harmonic
3rd Harmonic
VCC = ±15 V
Gain = 5
RL = 150 Ω
f = 1 MHz
−40
−50
−70
−90
0
5
10
15
20
−80
−60
Figure 32
DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
2nd Harmonic
3rd Harmonic
VCC = ±15 V
Gain = 5
RL = 1 kΩ
f = 1 MHz
−50
−60
−70
−80
−100
5
010
15
20
−90
Figure 33
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.3
0.2
12
3
Number of 150-
Ω Loads
0.1
0
0.4
0.5
Gain = 2
RF = 1.3 kΩ
40 IRE-NTSC Modulation
Worst Case
±100 IRE Ramp
VCC = ±15 V
VCC = ±5 V
Figure 34
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.15
°
0.1
°
12
3
Number of 150-
Ω Loads
0.05
°
0
°
0.2
°
0.25
°
VCC = ±15 V
VCC = ±5 V
0.35
°
0.3
°
0.4
°
Gain = 2
RF = 1.3 kΩ
40 IRE-NTSC Modulation
Worst Case
±100 IRE Ramp
Figure 35
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.3
0.2
12
3
Number of 150-
Ω Loads
0.1
0
0.4
0.5
VCC = ±15 V
VCC = ±5 V
0.6
Gain = 2
RF = 1.3 kΩ
40 IRE-PAL Modulation
Worst Case
±100 IRE Ramp
Figure 36
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.15
°
0.1
°
12
3
Number of 150-
Ω Loads
0.05
°
0
°
0.2
°
0.25
°
VCC = ±15 V
VCC = ±5 V
0.35
°
0.3
°
0.4
°
Gain = 2
RF = 1.3 kΩ
40 IRE-PAL Modulation
Worst Case
±100 IRE Ramp
Figure 37
f − Frequency − Hz
1G
10M
100k
1M
100M
CLOSED-LOOP
OUTPUT IMPEDANCE
vs
FREQUENCY
100
10
1
0.1
VCC = ±5 V & ±15 V
Gain = 2
RF = 1 kΩ
Figure 38
PSRR
vs
FREQUENCY
f − Frequency − Hz
100M
10M
100k
1M
40
VCC = ±15 V & ±5 V
+VCC & −VCC Responses
50
60
70
80
30
20
10
0


Similar Part No. - THS4041CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4041CDRG4 TI-THS4041CDRG4 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4041CDRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
[Old version datasheet]   165MHZ C-STABLE HIGH SPEED AMPLIFIERS
THS4001 TI-THS4001 Datasheet
239Kb / 16P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
THS4001CDR TI1-THS4001CDR Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
ADV7513 AD-ADV7513 Datasheet
207Kb / 12P
   165 MHz, High Performance
REV. 0
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
   Quad 60 MHz High Speed Operational Amplifier
EL2223 ELANTEC-EL2223 Datasheet
750Kb / 10P
   Dual, 500 MHz High Speed, Operational Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com