Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGU04G64A1BE1MT-CCR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SGU04G64A1BE1MT-CCR
Description  4096MB DDR3 ??SDRAM UDIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SGU04G64A1BE1MT-CCR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SGU04G64A1BE1MT-CCR Datasheet HTML 1Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-CCR Datasheet HTML 2Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-CCR Datasheet HTML 3Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-CCR Datasheet HTML 4Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-CCR Datasheet HTML 5Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-CCR Datasheet HTML 6Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-CCR Datasheet HTML 7Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-CCR Datasheet HTML 8Page - List of Unclassifed Manufacturers SGU04G64A1BE1MT-CCR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
preliminary
Data Sheet
Rev.0.9
22.07.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 5
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 16
FUNCTIONAL BLOCK DIAGRAMM 4096MB DDR3 SDRAM UDIMM,
1 RANK AND 8 COMPONENTS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D0
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D1
DQS
CS
DQ0
DQ1
DQ2
DQ3
DQ5
DQ4
DQ6
DQ7
S0
DQS0
DQS0
DM0
DQS1
DQS1
DM1
DQ8
DQ9
DQ10
DQ11
DQ13
DQ12
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D2
DQS
CS
DQS2
DQS2
DM2
DQ16
DQ17
DQ18
DQ19
DQ21
DQ20
DQ22
DQ23
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D3
DQS
CS
DQS3
DQS3
DM3
DQ24
DQ25
DQ26
DQ27
DQ29
DQ28
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D4
DQS
CS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D5
DQS
CS
DQ32
DQ33
DQ34
DQ35
DQ37
DQ36
DQ38
DQ39
DQS4
DQS4
DM4
DQS5
DQS5
DM5
DQ40
DQ41
DQ42
DQ43
DQ45
DQ44
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D6
DQS
CS
DQS6
DQS6
DM6
DQ48
DQ49
DQ50
DQ51
DQ53
DQ52
DQ54
DQ55
I/O 0
I/O 1
I/O 2
I/O 3
I/O 5
I/O 4
I/O 6
I/O 7
DM
DQS
ZQ
D7
DQS
CS
DQS7
DQS7
DM7
DQ56
DQ57
DQ58
DQ59
DQ61
DQ60
DQ62
DQ63
VDDSPD
SPD
VDD/VDDQ
D0-D7
VREFDQ
VREFCA
D0-D7
D0-D7
D0-D7
VSS
BA0-BA2
BA0-BA2: SDRAM D0-D7
A0-A15
A0-A15: SDRAM D0-D7
RAS
RAS: SDRAM D0-D7
CAS
CAS: SDRAM D0-D7
WE
WE: SDRAM D0-D7
ODT0
ODT: SDRAM D0-D7
CKE0
CKE: SDRAM D0-D7
CK0
CK: SDRAM D0-D7
CK0
CK: SDRAM D0-D7
RESET
RESET: SDRAM D0-D7
Notes:
1.
DQ-to-I/O wiring is shown as recommended but may
be changed.
2.
DQ/DQS/DQS/ODT/DM/CKE/S relationship must be
maintained as shown.
3.
DQ, DM, DQS/DQS resistors: Refer to associated
topology diagram.
4.
Refer to the appropriate clock wiring topology under
the DIMM wiring details section of the JEDED document.
5.
For each DRAM, a unique ZQ resistor is connected to
GND. The ZQ resistor is 240
Ω±1%.
6.
Refer to associated figure for SPD details.


Similar Part No. - SGU04G64A1BE1MT-CCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU04G64B1BD2SA-BB[W]R ETC-SGU04G64B1BD2SA-BB[W]R Datasheet
726Kb / 16P
   4096MB DDR3 ??SDRAM DIMM
SGU04G64B1BD2SA-CC[W]R ETC-SGU04G64B1BD2SA-CC[W]R Datasheet
726Kb / 16P
   4096MB DDR3 ??SDRAM DIMM
SGU04G64B1BD2SA-DC[W]R ETC-SGU04G64B1BD2SA-DC[W]R Datasheet
726Kb / 16P
   4096MB DDR3 ??SDRAM DIMM
More results

Similar Description - SGU04G64A1BE1MT-CCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU04G72J1BB1SA-BB[EW]RT ETC-SGU04G72J1BB1SA-BB[EW]RT Datasheet
712Kb / 17P
   4096MB DDR3 ??SDRAM ECC UDIMM
SGU04G72F1BB1SA-BBRT ETC-SGU04G72F1BB1SA-BBRT Datasheet
722Kb / 17P
   4096MB DDR3 . SDRAM ECC UDIMM
SGN04G72G1BK2MT-CC[EW]RT ETC2-SGN04G72G1BK2MT-CC[EW]RT Datasheet
683Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-UDIMM
SGL04G72B1BQ2SA-BBRT ETC2-SGL04G72B1BQ2SA-BBRT Datasheet
747Kb / 18P
   4096MB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
SGL04G72C1BB1SA-CCRT ETC2-SGL04G72C1BB1SA-CCRT Datasheet
662Kb / 17P
   4096MB DDR3 ??SDRAM unbuffered ECC VLP Mini-UDIMM
SGU04G64B1BD2SA-BB[W]R ETC-SGU04G64B1BD2SA-BB[W]R Datasheet
726Kb / 16P
   4096MB DDR3 ??SDRAM DIMM
SGU02G64A1BK1MT-BB[EW]R ETC2-SGU02G64A1BK1MT-BB[EW]R Datasheet
633Kb / 16P
   2048MB DDR3 ??SDRAM UDIMM
SGU02G64A1BD1SA-BBR ETC2-SGU02G64A1BD1SA-BBR Datasheet
589Kb / 16P
   2048MB DDR3 . SDRAM UDIMM
SGU01G64A1BG1SA-BBR ETC2-SGU01G64A1BG1SA-BBR Datasheet
638Kb / 16P
   1024MB DDR3 . SDRAM UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com