Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGU04G72F1BB1SA-BBRT Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SGU04G72F1BB1SA-BBRT
Description  4096MB DDR3 . SDRAM ECC UDIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SGU04G72F1BB1SA-BBRT Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SGU04G72F1BB1SA-BBRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SGU04G72F1BB1SA-BBRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SGU04G72F1BB1SA-BBRT Datasheet HTML 9Page - List of Unclassifed Manufacturers SGU04G72F1BB1SA-BBRT Datasheet HTML 10Page - List of Unclassifed Manufacturers SGU04G72F1BB1SA-BBRT Datasheet HTML 11Page - List of Unclassifed Manufacturers SGU04G72F1BB1SA-BBRT Datasheet HTML 12Page - List of Unclassifed Manufacturers SGU04G72F1BB1SA-BBRT Datasheet HTML 13Page - List of Unclassifed Manufacturers SGU04G72F1BB1SA-BBRT Datasheet HTML 14Page - List of Unclassifed Manufacturers SGU04G72F1BB1SA-BBRT Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
preliminary
Data Sheet
Rev.0.9
17.04.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 11
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 17
DDR3 SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS (Continued)
(0°C ≤ TCASE ≤ + 85°C ; VDDQ = +1.5V ± 0.075V, VDD = +1.5V ± 0.075V)
AC CHARACTERISTICS
12800 CL11
10600 CL9
8500 CL7
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
Unit
Exit reset from CKE HIGH to a
valid command
tXPR
max
5nCK,
tRFC + 10ns
-
max
5nCK,
tRFC + 10ns
-
max
5nCK,
tRFC + 10ns
-
tCK
Begin power supply ramp to
power supplies stable
tVDDPR
-
200
-
200
-
200
ms
RESET# LOW to power supplies
stable
tRPS
0
200
-
200
-
200
ms
RESET# LOW to I/O and RTT
High-Z
tIOz
-
20
-
20
-
20
ns
Exit precharge power-down to
any non-READ command
tXP
max
3nCK,6ns
-
max
3nCK,6ns
-
max
3nCK,7.5ns
-
tCK
CKE minimum high/low time
tCKE
max
3nCK,
5ns
-
max
3nCK,
5.625ns
-
max
3nCK,
5.625ns
-
tCK
Temperature Sensor with Serial Presence-Detect EEPROM
SCL
SDA
EVENT
SA2
SA1
SA1
SA0
SA0
EVENT
WP/
R1
0
Ω
Temperature Sensor with Serial Presence-Detect EEPROM Operating Conditions
Parameter / Condition
Symbol
MIN
MAX
Unit
Supply voltage
VDDSPD
+3
+3.6
V
Supply current: VDD= 3.3V
IDD
+2.0
mA
Input high voltage: Logic 1; SCL, SDA
VIH
+1.45
VDDSPD +1
V
Input low voltage: Logic 0; SCL, SDA
VIL
-
550
mV
Output low voltage: IOUT = 2.1mA
VOL
-
400
mV
Input current
IIN
-5.0
5.0
µA
Temperature sensing range
TBD
TBD
°C
Temperature sensor accuracy
TBD
TBD
°C


Similar Part No. - SGU04G72F1BB1SA-BBRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU04G72H1BD2SA-BB[EW]RT ETC-SGU04G72H1BD2SA-BB[EW]RT Datasheet
647Kb / 17P
   4096MB DDR3 ??SDRAM Ultra Low Profile ECC DIMM
SGU04G72H1BD2SA-CC[E/W]RT ETC-SGU04G72H1BD2SA-CC[E/W]RT Datasheet
647Kb / 17P
   4096MB DDR3 ??SDRAM Ultra Low Profile ECC DIMM
SGU04G72H1BD2SA-DC[E/W]RT ETC-SGU04G72H1BD2SA-DC[E/W]RT Datasheet
647Kb / 17P
   4096MB DDR3 ??SDRAM Ultra Low Profile ECC DIMM
SGU04G72J1BB1SA-BB[EW]RT ETC-SGU04G72J1BB1SA-BB[EW]RT Datasheet
712Kb / 17P
   4096MB DDR3 ??SDRAM ECC UDIMM
SGU04G72J1BB1SA-CC[E/W]RT ETC-SGU04G72J1BB1SA-CC[E/W]RT Datasheet
712Kb / 17P
   4096MB DDR3 ??SDRAM ECC UDIMM
More results

Similar Description - SGU04G72F1BB1SA-BBRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGU04G72J1BB1SA-BB[EW]RT ETC-SGU04G72J1BB1SA-BB[EW]RT Datasheet
712Kb / 17P
   4096MB DDR3 ??SDRAM ECC UDIMM
SGN04G72G1BK2MT-CC[EW]RT ETC2-SGN04G72G1BK2MT-CC[EW]RT Datasheet
683Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-UDIMM
SGL04G72B1BQ2SA-BBRT ETC2-SGL04G72B1BQ2SA-BBRT Datasheet
747Kb / 18P
   4096MB DDR3 ??SDRAM unbuffered ECC Mini-UDIMM
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
SGU04G64A1BE1MT-BBR ETC-SGU04G64A1BE1MT-BBR Datasheet
655Kb / 16P
   4096MB DDR3 ??SDRAM UDIMM
SGL04G72C1BB1SA-CCRT ETC2-SGL04G72C1BB1SA-CCRT Datasheet
662Kb / 17P
   4096MB DDR3 ??SDRAM unbuffered ECC VLP Mini-UDIMM
SGV04G72A1BE1MT-CC[W]RT ETC-SGV04G72A1BE1MT-CC[W]RT Datasheet
853Kb / 17P
   4096MB DDR3 ??SDRAM ECC XR-DIMMTM
SGN04G72G2BQ2SA-CC[EW]RT ETC2-SGN04G72G2BQ2SA-CC[EW]RT Datasheet
674Kb / 17P
   4096MB DDR3 ??SDRAM ECC SO-DIMM
SGN02G72F1BD1SA-BB[EW]RT ETC2-SGN02G72F1BD1SA-BB[EW]RT Datasheet
560Kb / 15P
   2048MB DDR3 ??SDRAM ECC SO-UDIMM
SGN04G72G1BD2SA-BB[W]RT ETC2-SGN04G72G1BD2SA-BB[W]RT Datasheet
713Kb / 17P
   4096MB DDR3 . SDRAM ECC SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com