Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C08-WBN6P Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24C08-WBN6P
Description  8-Kbit serial I짼C bus EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-WBN6P Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24C08-WBN6P Datasheet HTML 4Page - STMicroelectronics M24C08-WBN6P Datasheet HTML 5Page - STMicroelectronics M24C08-WBN6P Datasheet HTML 6Page - STMicroelectronics M24C08-WBN6P Datasheet HTML 7Page - STMicroelectronics M24C08-WBN6P Datasheet HTML 8Page - STMicroelectronics M24C08-WBN6P Datasheet HTML 9Page - STMicroelectronics M24C08-WBN6P Datasheet HTML 10Page - STMicroelectronics M24C08-WBN6P Datasheet HTML 11Page - STMicroelectronics M24C08-WBN6P Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Signal description
M24C08-W M24C08-R M24C08-F
8/40
DocID023924 Rev 3
2
Signal description
2.1
Serial Clock (SCL)
The signal applied on the SCL input is used to strobe the data available on SDA(in) and to
output the data on SDA(out).
2.2
Serial Data (SDA)
SDA is an input/output used to transfer data in or data out of the device. SDA(out) is an
open drain output that may be wire-OR’ed with other open drain or open collector signals on
the bus. A pull-up resistor must be connected from Serial Data (SDA) to VCC (Figure 12
indicates how to calculate the value of the pull-up resistor).
2.3
Chip Enable (E2)
This input signal is used to set the value that is to be looked for on the bit b3 of the device
select code. This input must be tied to VCC or VSS, to establish the device select code as
shown in Table 2. When not connected (left floating), this input is read as low (0).
Figure 4. Chip enable inputs connection
2.4
Write Control (WC)
This input signal is useful for protecting the entire contents of the memory from inadvertent
write operations. Write operations are disabled to the entire memory array when Write
Control (WC) is driven high. Write operations are enabled when Write Control (WC) is either
driven low or left floating.
When Write Control (WC) is driven high, device select and address bytes are
acknowledged, Data bytes are not acknowledged.
2.5
VSS (ground)
VSS is the reference for the VCC supply voltage.
Ai12806
VCC
M24xxx
VSS
Ei
VCC
M24xxx
VSS
Ei


Similar Part No. - M24C08-WBN6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C08-WBN6T STMICROELECTRONICS-M24C08-WBN6T Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24C08-WBN6T/G STMICROELECTRONICS-M24C08-WBN6T/G Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24C08-WBN6T/W STMICROELECTRONICS-M24C08-WBN6T/W Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24C08-WBN6TG STMICROELECTRONICS-M24C08-WBN6TG Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24C08-WBN6TG/G STMICROELECTRONICS-M24C08-WBN6TG/G Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
More results

Similar Description - M24C08-WBN6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C08-WMN6P STMICROELECTRONICS-M24C08-WMN6P Datasheet
688Kb / 38P
   8-Kbit serial I짼C bus EEPROM
M24C08-RMC6TG STMICROELECTRONICS-M24C08-RMC6TG Datasheet
688Kb / 38P
   8-Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
   32 Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
   256-Kbit serial I짼C bus EEPROM
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
M24C64-W STMICROELECTRONICS-M24C64-W Datasheet
465Kb / 42P
   64-Kbit serial I짼C bus EEPROM
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
   128-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com