Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25PX16-VMN6TP Datasheet(PDF) 8 Page - Numonyx B.V

Part # M25PX16-VMN6TP
Description  16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX16-VMN6TP Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M25PX16-VMN6TP Datasheet HTML 4Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 5Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 6Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 7Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 8Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 9Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 10Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 11Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Description
M25PX16
8/65
Figure 3.
BGA 6x8 24 ball ballout
Note:
1
NC = No Connection
2See Section 11: Package mechanical.


Similar Part No. - M25PX16-VMN6TP

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX16-VMW6TG MICRON-M25PX16-VMW6TG Datasheet
732Kb / 56P
   Micron M25PX16 Serial Flash Embedded Memory
More results

Similar Description - M25PX16-VMN6TP

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com