Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25PX16-VMN6TP Datasheet(PDF) 32 Page - Numonyx B.V

Part # M25PX16-VMN6TP
Description  16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25PX16-VMN6TP Datasheet(HTML) 32 Page - Numonyx B.V

Back Button M25PX16-VMN6TP Datasheet HTML 28Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 29Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 30Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 31Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 32Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 33Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 34Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 35Page - Numonyx B.V M25PX16-VMN6TP Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Instructions
M25PX16
32/65
When the highest address is reached, the address counter rolls over to 00 0000h, so that
the read sequence can be continued indefinitely.
Figure 15.
Dual Output Fast Read instruction sequence
1.
A23 to A22 are Don't care.
6.9
Read Lock Register (RDLR)
The device is first selected by driving Chip Select (S) Low. The instruction code for the Read
Lock Register (RDLR) instruction is followed by a 3-byte address (A23-A0) pointing to any
location inside the concerned sector. Each address bit is latched-in during the rising edge of
Serial Clock (C). Then the value of the Lock Register is shifted out on Serial Data output
(DQ1), each bit being shifted out, at a maximum frequency fC, during the falling edge of
Serial Clock (C).
The instruction sequence is shown in Figure 16.
The Read Lock Register (RDLR) instruction is terminated by driving Chip Select (S) High at
any time during data output.
Any Read Lock Register (RDLR) instruction, while an Erase, Program or Write cycle is in
progress, is rejected without having any effects on the cycle that is in progress.
2
1
3
456789 10
28 29 30 31
0
23 22 21
3
2
1
0
Mode 3
Mode 2
C
DQ0
S
DQ1
High Impedance
Instruction
24-bit address
C
DQ0
S
DQ1
32 33 34
36 37 38 39 40 41 42 43 44 45 46
753175
1
3
DATA OUT 1
Dummy byte
MSB
7
531
7531
MSB
MSB
47
6420
6
4
0
2
35
642064
0
2
MSB
MSB
DATA OUT 2
DATA OUT 3
DATA OUT n
ai13574


Similar Part No. - M25PX16-VMN6TP

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX16-VMW6TG MICRON-M25PX16-VMW6TG Datasheet
732Kb / 56P
   Micron M25PX16 Serial Flash Embedded Memory
More results

Similar Description - M25PX16-VMN6TP

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com