Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154001.T Datasheet(PDF) 2 Page - Littelfuse

Part # 154001.T
Description  154/154T/154L/154TL Series OMNI-BLOK Fuse and Holder Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

154001.T Datasheet(HTML) 2 Page - Littelfuse

  154001.T Datasheet HTML 1Page - Littelfuse 154001.T Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
94
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
154 Series
NANO> 154 OMNI-BLOK® Fuse and Holder Combination
Please refer to www.littelfuse.com/series/154.html
or /154T.html for current information.
LF
7 A
3.81
(.150")
2.13
(.084")
REF.
10.62
(.418")
4.24
(.167")
9.73
(.383") REF.
3.81
(.150")
5.03
(.198")
FUSE
Recommended Pad Layout
Dimensions
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Reel Pack
EIA RS–481–2 (IEC 286, part 3)
1500
DR
Soldering Parameters
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Part Numbering System
0154 001. D R T L
SERIES
AMP Code
QUANTITY Code
PACKAGING Code
Refer to Ordering information
section on previous page.
D = 1500 pcs
R = Tape and Reel
Example:
1.5 amp Fast-acting
product is 015401.5DR.
1.5 amp Time-lag product
is 015401.5DRT.
(1 amp product shown
above).
TYPE Code
“L” suffix for
Black Color Holder
T = Time-Lag (Slo-Blo®)
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
- Temperature Max (T
s(max))
- Time (Min to Max) (t
s)
60 – 120 seconds
Average Ramp-up Rate (Liquidus Temp
(T
L) to peak)
T
S(max) to TL - Ramp-up Rate
Reflow
- Temperature (T
L) (Liquidus)
- Temperature (t
L)
60 – 90 seconds
Peak Temperature (T
P)
250
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
Time 25°C to peak Temperature (T
P)
8 minutes max.
Do not exceed
Product Characteristics
Operating
Temperature
-55ºC to 125ºC


Similar Part No. - 154001.T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
154001.T LITTELFUSE-154001.T Datasheet
199Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
More results

Similar Description - 154001.T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
015401.5DRT LITTELFUSE-015401.5DRT Datasheet
415Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
015401.5DR LITTELFUSE-015401.5DR Datasheet
199Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
0154.080DRL LITTELFUSE-0154.080DRL Datasheet
415Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
0154.062DRL LITTELFUSE-0154.062DRL Datasheet
415Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
01550900M LITTELFUSE-01550900M Datasheet
415Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
154.062 LITTELFUSE-154.062_V01 Datasheet
482Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK짰 Fuse and Holder Assembly
Revised: 09/16/20
0154.375DRT LITTELFUSE-0154.375DRT Datasheet
415Kb / 2P
   NANO2짰 > 154 OMNI-BLOK짰 Fuse and Holder Combination
0154001.DRT LITTELFUSE-0154001.DRT Datasheet
415Kb / 2P
   NANO2짰 > 154 OMNI-BLOK짰 Fuse and Holder Combination
0154003.DRT LITTELFUSE-0154003.DRT Datasheet
199Kb / 2P
   NANO2짰 > 154 OMNI-BLOK짰 Fuse and Holder Combination
0154003.DR LITTELFUSE-0154003.DR Datasheet
415Kb / 2P
   NANO2짰 > 154 OMNI-BLOK짰 Fuse and Holder Combination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com