Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4215DGN Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4215DGN
Description  LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4215DGN Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4215DGN Datasheet HTML 1Page - National Semiconductor (TI) THS4215DGN Datasheet HTML 2Page - National Semiconductor (TI) THS4215DGN Datasheet HTML 3Page - National Semiconductor (TI) THS4215DGN Datasheet HTML 4Page - National Semiconductor (TI) THS4215DGN Datasheet HTML 5Page - National Semiconductor (TI) THS4215DGN Datasheet HTML 6Page - National Semiconductor (TI) THS4215DGN Datasheet HTML 7Page - National Semiconductor (TI) THS4215DGN Datasheet HTML 8Page - National Semiconductor (TI) THS4215DGN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
THS4211
THS4215
SLOS400E – SEPTEMBER 2002 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted).
(1)
UNIT
Supply voltage, VS
16.5 V
Input voltage, VI
±VS
Output current, IO
250 mA
Continuous power dissipation
See Dissipation Ratings Table
Maximum junction temperature, TJ
(2)
+150°C
Maximum junction temperature, continuous operation, long-term reliability TJ
(3)
+125°C
Storage temperature range, Tstg
–65°C to +150°C
HBM
4000 V
ESD ratings
CDM
1500 V
MM
200 V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(3)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
PACKAGE DISSIPATION RATINGS
(1)
POWER RATING (3)
θJC
θJA
(2)
PACKAGE
(°C/W)
(°C/W)
TA≤ +25°C
TA= +85°C
D (8-pin)
38.3
97.5
1.02 W
410 mW
DGN (8-pin)(1)
4.7
58.4
1.71 W
685 mW
DGK (8-pin)
54.2
260
385 mW
154 mW
DRB (8-pin)
5
45.8
2.18 W
873 mW
(1)
The THS4211/5 may incorporate a PowerPAD™ on the underside of the chip. This acts as a heat sink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature
which could permanently damage the device. See TI technical briefs SLMA002 and SLMA004 for more information about utilizing the
PowerPAD thermally enhanced package.
(2)
This data was taken using the JEDEC standard High-K test PCB.
(3)
Power rating is determined with a junction temperature of +125°C. This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the junction temperature at or below +125°C for best performance and long
term reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Dual supply
±2.5
±7.5
Supply voltage, (VS+ and VS–)
V
Single supply
5
15
Input common-mode voltage range
VS– + 1.2
VS+ – 1.2
V
2
Submit Documentation Feedback
Copyright © 2002–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4211 THS4215


Similar Part No. - THS4215DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4215DGN TI-THS4215DGN Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4215DGNG4 TI-THS4215DGNG4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4215DGNR TI-THS4215DGNR Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
THS4215DGNRG4 TI-THS4215DGNRG4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4215DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4211 TI-THS4211 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com