Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4151IDGN Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4151IDGN
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4151IDGN Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button THS4151IDGN Datasheet HTML 2Page - National Semiconductor (TI) THS4151IDGN Datasheet HTML 3Page - National Semiconductor (TI) THS4151IDGN Datasheet HTML 4Page - National Semiconductor (TI) THS4151IDGN Datasheet HTML 5Page - National Semiconductor (TI) THS4151IDGN Datasheet HTML 6Page - National Semiconductor (TI) THS4151IDGN Datasheet HTML 7Page - National Semiconductor (TI) THS4151IDGN Datasheet HTML 8Page - National Semiconductor (TI) THS4151IDGN Datasheet HTML 9Page - National Semiconductor (TI) THS4151IDGN Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
1.9
1.7
1.6
1.5
0
50
100
150
2
2.1
2.3
200
250
300
1.8
2.2
ts − Settling Time − ns
Rf = 390 Ω,
CF = 1 pF,
VCC = ±5 V,
VO = 4 Vpp,
Gain = 1
Settling to 1% = 17.2 ns
Settling to 0.1% = 53.3 ns
Settling to 0.01% = 247.5 ns
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
100 k
1 M
10 M
f − Frequency − Hz
100 M
1 G
VCC = 5
VCC = ±5
VCC = ±15
Gain = 1
Rf = 390 Ω,
RL = 800 Ω,
VI = 0.2 VRMS
400
450
500
550
600
650
700
−40
−20
0
20
60
80
100
VCC = ±15 V, VO = 2 VPP
VCC = ±15 V, VO = 4 VPP
VCC = ±5 V, VO = 2 VPP
VCC = ±5 V, VO = 4 VPP
CL= 0,
CF = 1 pF
T − Temperature −
°C
40
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
f − Frequency − Hz
10 M
100 M
Single Input to
Differential Output
Differential Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = ±5 V to ±15 V
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
LARGE-SIGNAL FREQUENCY RESPONSE
SETTLING TIME
Figure 3.
Figure 4.
SLEW RATE
TOTAL HARMONIC DISTORTION
vs
vs
TEMPERATURE
FREQUENCY
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151


Similar Part No. - THS4151IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4151IDGN TI-THS4151IDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4151IDGNG4 TI-THS4151IDGNG4 Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4151IDGNR TI-THS4151IDGNR Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4151IDGNRG4 TI-THS4151IDGNRG4 Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4151IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4150 TI-THS4150 Datasheet
563Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com