Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2353 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2353
Description  Dual, Wideband, Low-Noise Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2353 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2353 Datasheet HTML 5Page - Texas Instruments OPA2353 Datasheet HTML 6Page - Texas Instruments OPA2353 Datasheet HTML 7Page - Texas Instruments OPA2353 Datasheet HTML 8Page - Texas Instruments OPA2353 Datasheet HTML 9Page - Texas Instruments OPA2353 Datasheet HTML 10Page - Texas Instruments OPA2353 Datasheet HTML 11Page - Texas Instruments OPA2353 Datasheet HTML 12Page - Texas Instruments OPA2353 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
OPA2822
9
SBOS188E
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6V (Cont.)
TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
SETTLING TIME
Time (ns)
020
15
10
540
45
50
55
25
30
35
60
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
See Figure 1
R
L = 100Ω
V
O = 2V step
G = +2
VIDEO DIFFERENTIAL GAIN/DIFFERENTIAL PHASE
Video Loads
dP
dG
12
3
4
5
6
7
8
0.30
0.25
0.20
0.15
0.10
0.05
0
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
1
0.5
0
–0.5
–1
10
5
0
–5
–10
Input Offset Voltage
10x Input Offset Current
Input Bias Current
SUPPLY AND OUTPUT CURRENT
vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
250
225
200
175
150
125
100
12
11
10
9
8
7
6
Sourcing Output Current
Left Scale
Current Limited Output
Sinking Output
Current
Left Scale
Supply Current
(both channels)
Right Scale
COMMON-MODE INPUT RANGE AND
OUTPUT SWING vs SUPPLY VOLTAGE
Supply Voltage (
±V)
±2
±3
±4
±5
±6
6
4
2
0
–2
–4
–6
Positive Input
and Output
Negative Input
and Output
COMMON-MODE AND DIFFERENTIAL
INPUT IMPEDANCE
Frequency (Hz)
103
104
105
106
107
108
107
106
105
104
103
102
Common-Mode
Differential


Similar Part No. - OPA2353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2353 TI-OPA2353 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2353 TI-OPA2353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA2353 TI-OPA2353 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
OPA2353 TI-OPA2353 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2353 TI1-OPA2353 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com