Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4521SKGD1 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4521SKGD1
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4521SKGD1 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4521SKGD1 Datasheet HTML 1Page - National Semiconductor (TI) THS4521SKGD1 Datasheet HTML 2Page - National Semiconductor (TI) THS4521SKGD1 Datasheet HTML 3Page - National Semiconductor (TI) THS4521SKGD1 Datasheet HTML 4Page - National Semiconductor (TI) THS4521SKGD1 Datasheet HTML 5Page - National Semiconductor (TI) THS4521SKGD1 Datasheet HTML 6Page - National Semiconductor (TI) THS4521SKGD1 Datasheet HTML 7Page - National Semiconductor (TI) THS4521SKGD1 Datasheet HTML 8Page - National Semiconductor (TI) THS4521SKGD1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
THS4521-HT
www.ti.com
SBOS548D – APRIL 2011 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 3.3 V
At VS+ = 3.3 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RL = 1 kΩ differential, G = 1 V/V, single-ended input,
differential output, input and output referenced to midsupply, unless otherwise noted.
-55°C to 125°C
175°C
-55°C to 210°C
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
VOUT = 100 mVPP,
Small-Signal Bandwidth
104.3
40.7
40.7
MHz
C
G = 1
VOUT = 100 mVPP,
42
12.5
12.5
MHz
C
G = 2
VOUT = 100 mVPP,
12.2
3.15
3.15
MHz
C
G = 5
VOUT = 100 mVPP,
8.1
2.2
2.2
MHz
C
G = 10
Gain Bandwidth
VOUT = 100 mVPP,
81
22
22
MHz
C
Product
G = 10
Large-Signal Bandwidth
VOUT = 2 VPP, G = 1
84
22
22
MHz
C
Bandwidth for 0.1-dB
VOUT = 2 VPP, G = 1
18.1
5.4
5.4
MHz
C
Flatness
Rising Slew Rate
VOUT = 2-V Step,
377.5
353.5
353.5
V/
μs
C
(Differential)
G = 1, RL = 200 Ω
Falling Slew Rate
VOUT = 2-V Step,
422.5
392.5
392.5
V/
μs
C
(Differential)
G = 1, RL = 200 Ω
VOUT = 2-V Step,
Overshoot
6.75
8.85
8.85
%
C
G = 1, RL = 200 Ω
VOUT = 2-V Step,
Undershoot
7.85
11.45
11.45
%
C
G = 1, RL = 200 Ω
VOUT = 2-V Step,
Rise Time
13.5
15.9
15.9
ns
C
G = 1, RL = 200 Ω
VOUT = 2-V Step,
Fall Time
11.4
14.6
14.6
ns
C
G = 1, RL = 200 Ω
VOUT = 2-V Step,
Settling Time to 1%
18.5
23.5
23.5
ns
C
G = 1, RL = 200 Ω
HARMONIC DISTORTION
f = 1 kHz,
VOUT = 1 VRMS,
–115
–96
–96
dBc
C
G = 1(2),
2nd harmonic
differential input
f = 1 MHz,
–77
–68.5
–68.5
dBc
C
VOUT = 2 VPP, G = 1
f = 1 kHz,
VOUT = 1 VRMS,
–116
–91.5
–91.5
dBc
C
G = 1(2),
3rd harmonic
differential input
f = 1 MHz,
–80.5
–68.5
–68.5
dBc
C
VOUT = 2 VPP, G = 1
Second-Order
Two-tone, f1 = 2 kHz,
Intermodulation
f2 = 500 Hz,
–91.5
–79.5
–79.5
dBc
C
Distortion
VOUT = 1 VRMS envelope
Third-Order
Two-tone, f1 = 2 kHz,
Intermodulation
f2 = 500 Hz,
–95.5
–79.5
–79.5
dBc
C
Distortion
VOUT = 1 VRMS envelope
Input Voltage Noise
f > 10 kHz
9.05
19.95
19.95
nV/
√Hz
C
Input Current Noise
f > 100 kHz
1.8
2.45
2.45
pA/
√Hz
C
Overdrive Recovery
Overdrive = ±0.5 V
116.5
126
126
ns
C
Time
VOUT = 100 mV,
Output Balance Error
–51.5
–45.5
–45.5
dB
C
f
≤ 2 MHz (differential input)
Closed-Loop Output
f = 1 MHz (differential)
0.3
C
Impedance
(1)
Test levels: (A) 100% tested. (B) Limits set by characterization and simulation. (C) Typical value only for information.
(2)
Not directly measureable; calculated using noise gain of 101.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS4521-HT


Similar Part No. - THS4521SKGD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521SKGD1 TI1-THS4521SKGD1 Datasheet
758Kb / 28P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4521SKGD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521-HT TI1-THS4521-HT Datasheet
758Kb / 28P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4524-EP NSC-THS4524-EP Datasheet
1Mb / 48P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4521-HT TI-THS4521-HT_15 Datasheet
653Kb / 27P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP_17 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com