Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60102 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 60102
Description  60132 Circuit Breaker
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60102 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  60102 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60102 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60102 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60102 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60102 Datasheet HTML 5Page - List of Unclassifed Manufacturers 60102 Datasheet HTML 6Page - List of Unclassifed Manufacturers 60102 Datasheet HTML 7Page - List of Unclassifed Manufacturers 60102 Datasheet HTML 8Page - List of Unclassifed Manufacturers 60102 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Multi 9
System Catalog
Section 7—Dimensions
65
03/2008
© 2002–2008 Schneider Electric All Rights Reserved
Section 7—Dimensions
UL 489 Listed C60 Circuit Breakers
Figure 25:
UL 489 Listed C60 240 Vac Circuit Breaker
with Box Lug Terminals
Figure 26:
UL 489 Listed C60 240 Vac Circuit Breaker
with Ring Tongue Terminals
Figure 27:
UL 489 C60 480 Vac and 240 Vac Circuit
Breaker with Fingersafe Shields
Figure 28:
UL 489A Listed C60 60 Vdc Circuit Breakers
for DC Telecommunications Applications
1.73
[44]
2.76
[70]
0.22
[5.5]
1.77
[45.1]
Clearance
0.63
[16]
2.13
[54]
1.42
[36]
0.71
[18]
1.22
[31.1]
2.08
[52.9]
2.13
[54.1]
4.21
[107]
1.22
[31.1]
1.73
[44]
2.76
[70]
0.22
[5.5]
1.77
[45.1]
0.63
[16]
2.13
[54]
1.42
[36]
0.71
[18]
1.54
[39.2]
2.41
[61.2]
2.45
[62.2]
4.86
[123.4]
1.54
[39.2]
0.71
[18]
1.73
[44]
2.76
[70]
0.22
[5.5]
5.59
[142]
1.77
[45]
0.63
[16]
1.42
[36]
2.13
[54]
1.73
[44]
2.76
[70]
0.22
[5.5]
3.19
[81]
1.77
[45]
0.63
[16]
0.71
[18]


Similar Part No. - 60102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60102 ETC2-60102 Datasheet
206Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
More results

Similar Description - 60102

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-60132-F BEL-SI-60132-F Datasheet
251Kb / 3P
   SI-60132-F
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com