Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4631DGNR Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4631DGNR
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4631DGNR Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4631DGNR Datasheet HTML 5Page - National Semiconductor (TI) THS4631DGNR Datasheet HTML 6Page - National Semiconductor (TI) THS4631DGNR Datasheet HTML 7Page - National Semiconductor (TI) THS4631DGNR Datasheet HTML 8Page - National Semiconductor (TI) THS4631DGNR Datasheet HTML 9Page - National Semiconductor (TI) THS4631DGNR Datasheet HTML 10Page - National Semiconductor (TI) THS4631DGNR Datasheet HTML 11Page - National Semiconductor (TI) THS4631DGNR Datasheet HTML 12Page - National Semiconductor (TI) THS4631DGNR Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
_
+
RF
CF
λ
−V(Bias)
RL
Photodiode Circuit
THS4631
www.ti.com
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
APPLICATION INFORMATION
The large gain-bandwidth product of the THS4631
INTRODUCTION
provides the capability for simultaneously achieving
both high-transimpedance gain, wide bandwidth, high
The THS4631 is a high-speed, FET-input operational
slw rate, and low noise. In addition, the high-power
amplifier. The combination of: high gain bandwidth
supply rails provide the potential for a very wide
product of 210 MHz, high slew rate of 1000 V/
µs, and
dynamic range at the output, allowing for the use of
trimmed dc precision makes the device an excellent
input sources which possess wide dynamic range.
design option for a wide variety of applications,
The combination of these characteristics makes the
including test and measurement, optical monitoring,
THS4631 a design option for systems that require
transimpedance gain circuits, and high-impedance
transimpedance amplification of wideband, low-level
buffers. The applications section of the data sheet
input signals. A standard transimpedance circuit is
discusses these particular applications in addition to
shown in Figure 32.
general information about the device and its features
TRANSIMPEDANCE FUNDAMENTALS
FET-input
amplifiers
are
often
used
in
transimpedance
applications
because
of
their
extremely high input impedance. A transimpedance
block accepts a current as an input and converts this
current to a voltage at the output. The high-input
impedance
associated
with
FET-input
amplifiers
minimizes errors in this process caused by the input
bias currents, IIB, of the amplifier.
DESIGNING THE TRANSIMPEDANCE
Figure 32. Wideband Photodiode
CIRCUIT
Transimpedance Amplifier
Typically, design of a transimpedance circuit is driven
by the characteristics of the current source that
As indicated, the current source typically sets the
provides the input to the gain block. A photodiode is
requirements for gain, speed, and dynamic range of
the most common example of a capacitive current
the amplifier. For a given amplifier and source
source that interfaces with a transimpedance gain
combination, achievable performance is dictated by
block. Continuing with the photodiode example, the
the
following
parameters:
the
amplifier
system designer traditionally chooses a photodiode
gain-bandwidth
product,
the
amplifier
input
based on two opposing criteria: speed and sensitivity.
capacitance,
the
source
capacitance,
the
Faster photodiodes cause a need for faster gain
transimpedance gain, the amplifier slew rate, and the
stages, and more sensitive photodiodes require
amplifier output swing. From this information, the
higher gains in order to develop appreciable signal
optimal performance of a transimpedance circuit
levels at the output of the gain stage.
using a given amplifier is determined. Optimal is
These
parameters
affect
the
design
of
the
defined
here
as
providing
the
required
transimpedance circuit in a few ways. First, the speed
transimpedance gain with a maximized flat frequency
of the photodiode signal determines the required
response.
bandwidth of the gain circuit. Second, the required
For the circuit shown in Figure 32, all but one of the
gain, based on the sensitivity of the photodiode, limits
design parameters is known; the feedback capacitor
the bandwidth of the circuit. Third, the larger
(CF) must be determined. Proper selection of the
capacitance associated with a more sensitive signal
feedback capacitor prevents an unstable design,
source also detracts from the achievable speed of the
controls pulse response characteristics, provides
gain block. The dynamic range of the input signal
maximized flat transimpedance bandwidth, and limits
also places requirements on the amplifier dynamic
broadband integrated noise. The maximized flat
range. Knowledge of the source output current levels,
frequency response results with CF calculated as
coupled with a desired voltage swing on the output,
shown in Equation 1, where CF is the feedback
dictates the value of the feedback resistor, RF. The
capacitor, RF is the feedback resistor, CS is the total
transfer function from input to output is VOUT = IINRF.
source
capacitance
(including
amplifier
input
capacitance and parasitic capacitance at the inverting
node), and GBP is the gain-bandwidth product of the
amplifier in hertz.
Copyright
© 2004–2011, Texas Instruments Incorporated
9


Similar Part No. - THS4631DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4631DGNR TI-THS4631DGNR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
THS4631DGNR TI1-THS4631DGNR Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
THS4631DGNRG4 TI-THS4631DGNRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
THS4631DGNRG4 TI1-THS4631DGNRG4 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - THS4631DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4631 TI1-THS4631_14 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
THS4631 TI-THS4631 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Intersil Corporation
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com