Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4501IDGNG4 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4501IDGNG4
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501IDGNG4 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4501IDGNG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4501IDGNG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4501IDGNG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4501IDGNG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4501IDGNG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4501IDGNG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4501IDGNG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4501IDGNG4 Datasheet HTML 14Page - National Semiconductor (TI) THS4501IDGNG4 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Differential Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 8 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Single-Ended Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 392 Ω
f= 30 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Differentia Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 392 Ω
f= 30 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
f − Frequency − MHz
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
VO = 1 VPP
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
f − Frequency − MHz
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
VO = 2 VPP
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0.1
1
10
100
0
HD2
f − Frequency − MHz
Differential Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
VO = 1 VPP
VS = ±5 V
HD3
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0.1
1
10
100
0
HD2
HD3
f − Frequency − MHz
Differential Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
VO = 2 VPP
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
f= 8 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
f= 8 MHz
VS = ±5 V
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS:
±5 V (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 10.
Figure 11.
Figure 12.
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 16.
Figure 17.
Figure 18.
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4500 THS4501


Similar Part No. - THS4501IDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4501IDGNG4 TI1-THS4501IDGNG4 Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4501IDGNG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com