Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21850S Datasheet(PDF) 3 Page - International Rectifier

Part # IRS21850S
Description  Gate drive supply range from 10 V to 20 V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21850S Datasheet(HTML) 3 Page - International Rectifier

  IRS21850S Datasheet HTML 1Page - International Rectifier IRS21850S Datasheet HTML 2Page - International Rectifier IRS21850S Datasheet HTML 3Page - International Rectifier IRS21850S Datasheet HTML 4Page - International Rectifier IRS21850S Datasheet HTML 5Page - International Rectifier IRS21850S Datasheet HTML 6Page - International Rectifier IRS21850S Datasheet HTML 7Page - International Rectifier IRS21850S Datasheet HTML 8Page - International Rectifier IRS21850S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IRS21850S
www.irf.com
© 2008 International Rectifier
3
Description
The IRS21850 is a high voltage, high speed power MOSFET and IGBT single high-side driver with
propagation delay matched output channels. Proprietary HVIC and latch immune CMOS technologies
enable ruggedized monolithic construction. The floating logic input is compatible with standard CMOS or
LSTTL output, down to 3.3V logic and can be operated up to 600 V above the ground. The output driver
features a high pulse current buffer stage designed for minimum driver cross-conduction. The floating
channel can be used to drive an N-channel power MOSFETor IGBT in the high-side configuration, which
operates up to 600 V.


Similar Part No. - IRS21850S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21850SPBF IRF-IRS21850SPBF Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
IRS21850SPBF IRF-IRS21850SPBF_15 Datasheet
344Kb / 20P
   SINGLE HIGH SIDE DRIVER IC
More results

Similar Description - IRS21850S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
IR2117STRPBF IRF-IR2117STRPBF Datasheet
272Kb / 18P
   Gate drive supply range from 10 to 20V
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
   Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
   Gate drive supply range from 10 to 20V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
   Gate drive supply range from 10 to 20V
IR2302STRPBF IRF-IR2302STRPBF Datasheet
212Kb / 22P
   Gate drive supply range from 5 to 20V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com