Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494L-D16-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TL494L-D16-T
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL494L-D16-T Datasheet(HTML) 2 Page - Unisonic Technologies

  TL494L-D16-T Datasheet HTML 1Page - Unisonic Technologies TL494L-D16-T Datasheet HTML 2Page - Unisonic Technologies TL494L-D16-T Datasheet HTML 3Page - Unisonic Technologies TL494L-D16-T Datasheet HTML 4Page - Unisonic Technologies TL494L-D16-T Datasheet HTML 5Page - Unisonic Technologies TL494L-D16-T Datasheet HTML 6Page - Unisonic Technologies TL494L-D16-T Datasheet HTML 7Page - Unisonic Technologies TL494L-D16-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL494
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R103-004. I
PIN CONFIGURATION
PIN DESCRIPTION
PIN No.
SYMBAL
NAME AND FUNCTION
1, 16
NONINV INPUT
Error Amplifier NONINV Input
2, 15
INV INPUT
Error Amplifier INV Input
3
FEEDBACK
Output Feedback Voltage
4
DEAD-TIME CONTROL
Output DEAD-TIME Control
5
CT
Timing Capacitor
6
RT
Timing Resistor
7
GND
Ground
8
C1
Internal Power NPN Collect1
9
E1
Internal Power NPN Emitter1
10
E2
Internal Power NPN Emitter2
11
C2
Internal Power NPN Collect2
12
VCC
Supply Voltage
13
OUTPUT CONTROL
Output mode select
14
VREF
Reference Voltage


Similar Part No. - TL494L-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL494L-D16-T UTC-TL494L-D16-T Datasheet
189Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494L-D16-T UTC-TL494L-D16-T Datasheet
199Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494L-D16-T UTC-TL494L-D16-T Datasheet
194Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494L-D16-T UTC-TL494L-D16-T Datasheet
317Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
More results

Similar Description - TL494L-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL494 UTC-TL494_09 Datasheet
199Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_05 Datasheet
189Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
UTCTL494 UTC-UTCTL494 Datasheet
54Kb / 6P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Unisonic Technologies
TL494 UTC-TL494_12 Datasheet
194Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
ON Semiconductor
CS3524A ONSEMI-CS3524A Datasheet
237Kb / 8P
   Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
Unisonic Technologies
TL494 UTC-TL494_15 Datasheet
317Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com