Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494G-D16-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL494G-D16-T
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL494G-D16-T Datasheet(HTML) 4 Page - Unisonic Technologies

  TL494G-D16-T Datasheet HTML 1Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 2Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 3Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 4Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 5Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 6Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 7Page - Unisonic Technologies TL494G-D16-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL494
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R103-004. I
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage(Note 3)
VCC
41
V
Amplifier Input Voltage
VIN
VCC+0.3
V
Collector Output Voltage
VOUT
41
V
Collector Output Current
ICO
250
mA
Power Dissipation (TA=25C)
PD
1000
mW
Derate at TA>25C
9.2
mW/
C
Junction Temperature
TJ
125
C
Operating Temperature
TOPR
-25 ~ +85
C
Storage Temperature
TSTG
-40 ~ +150
C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values, except differential voltages are with respect to the network ground terminal.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
7
40
V
Amplifier Input Voltage
VIN
-0.3
VCC-2
V
Collector Output Voltage
VOUT
40
V
Collector Output Current (each Transistor)
IC
200
mA
Current into Feedback
If
0.3
mA
Timing Capacitor
CT
0.47
10000
nF
Timing Resistor
RT
1.8
500
kΩ
Oscillator Frequency
fOSC
1
300
kHz
Operating Free-Air Temperature
TA
0
70
C
ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range, VCC=15V, f=1kHz, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
REFERENCE SECTION
Output Voltage
VOUT
IOUT=1mA
4.75
5
5.25
V
Input Regulation
VIN
VCC=7V ~ 40V
2
25
mV
Output Regulation
VOUT
IOUT=1 ~ 10mA
1
15
mV
Output Voltage Change with Temperature
TA=MIN ~ MAX(note 2)
0.2
1
%
Short-Circuit Output Current
IO(SC)
VREF=0
35
mA
OSCILLATOR SECTION
Frequency
F
CT=0.01μF, RT=12kΩ
10
kHz
Standard Deviation of Frequency
All Values of VCC CT, RT, TA
constant
10
%
Frequency Change with Voltage
VCC=7V ~ 40V,Ta=25C
0.1
%
Frequency Change with Temperature
CT=0.01μF, RT=12kΩ,
TA=MIN ~ MAX
12
%


Similar Part No. - TL494G-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL494G-D16-T UTC-TL494G-D16-T Datasheet
199Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494G-D16-T UTC-TL494G-D16-T Datasheet
194Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494G-D16-T UTC-TL494G-D16-T Datasheet
317Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
More results

Similar Description - TL494G-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL494 UTC-TL494_09 Datasheet
199Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_05 Datasheet
189Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
UTCTL494 UTC-UTCTL494 Datasheet
54Kb / 6P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Unisonic Technologies
TL494 UTC-TL494_12 Datasheet
194Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
ON Semiconductor
CS3524A ONSEMI-CS3524A Datasheet
237Kb / 8P
   Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
logo
Unisonic Technologies
TL494 UTC-TL494_15 Datasheet
317Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com