Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXBN42N170A Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXBN42N170A
Description  High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBN42N170A Datasheet(HTML) 6 Page - IXYS Corporation

  IXBN42N170A Datasheet HTML 1Page - IXYS Corporation IXBN42N170A Datasheet HTML 2Page - IXYS Corporation IXBN42N170A Datasheet HTML 3Page - IXYS Corporation IXBN42N170A Datasheet HTML 4Page - IXYS Corporation IXBN42N170A Datasheet HTML 5Page - IXYS Corporation IXBN42N170A Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXBN42N170A
IXYS REF: B_42N170A(7N)11-12-12
Fig. 22. Inductive Turn-on Switching Times
vs. Collector Current
0
20
40
60
80
100
120
20
30
40
50
60
70
80
IC - Amperes
16
18
20
22
24
26
28
t r i
t d(on) - - - -
RG = 1Ω , VGE = 15V
VCE = 850V
TJ = 25ºC
TJ = 125ºC
Fig. 23. Inductive Turn-on
Switching Times vs. Junction Temperature
0
20
40
60
80
100
120
140
160
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
18
19
20
21
22
23
24
25
26
t r i
t d(on) - - - -
RG = 1Ω , VGE = 15V
VCE = 850V
I C = 42A
I C = 84A
Fig. 21. Inductive Turn-on Switching Times
vs. Gate Resistance
0
20
40
60
80
100
120
140
160
123
456
7
8
9
10
RG - Ohms
14
18
22
26
30
34
38
42
46
t r i
t d(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 850V
I C = 42A
I C = 84A
Fig. 19. Inductive Turn-off
Switching Times vs. Collector Current
0
20
40
60
80
100
120
140
20
30
40
50
60
70
80
IC - Amperes
120
140
160
180
200
220
240
260
t f i
t d(off) - - - -
RG = 1Ω , VGE = 15V
VCE = 850V
TJ = 125ºC
TJ = 25ºC
Fig. 20. Inductive Turn-off
Switching Times vs. Junction Temperature
20
40
60
80
100
120
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
120
140
160
180
200
220
t f i
t d(off) - - - -
RG = 1Ω , VGE = 15V
VCE = 850V
I C = 42A, 84A


Similar Part No. - IXBN42N170A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBN75N170 IXYS-IXBN75N170 Datasheet
180Kb / 5P
   BiMOSFETTM Monolithic Bipolar MOS Transistor
IXBN75N170A IXYS-IXBN75N170A Datasheet
91Kb / 2P
   BIMOSFET Monolithic Bipolar MOS Transistor
More results

Similar Description - IXBN42N170A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBH16N170 IXYS-IXBH16N170 Datasheet
182Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBR42N170 IXYS-IXBR42N170 Datasheet
175Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBA16N170AHV IXYS-IXBA16N170AHV Datasheet
168Kb / 2P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBH24N170 IXYS-IXBH24N170 Datasheet
181Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBF32N300 IXYS-IXBF32N300 Datasheet
201Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBH20N300 IXYS-IXBH20N300 Datasheet
180Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBA14N300HV IXYS-IXBA14N300HV Datasheet
365Kb / 6P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBH12N300 IXYS-IXBH12N300 Datasheet
183Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBK55N300 IXYS-IXBK55N300 Datasheet
221Kb / 6P
   High Voltage, High Gain BiMOSFETTM Monolithic Bipolar MOS Transistor
IXBH42N170 IXYS-IXBH42N170 Datasheet
581Kb / 5P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com