Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLN04G64E1BK2MT-DCRT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SLN04G64E1BK2MT-DCRT
Description  4096MB DDR3L . SDRAM SO-DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLN04G64E1BK2MT-DCRT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SLN04G64E1BK2MT-DCRT Datasheet HTML 2Page - List of Unclassifed Manufacturers SLN04G64E1BK2MT-DCRT Datasheet HTML 3Page - List of Unclassifed Manufacturers SLN04G64E1BK2MT-DCRT Datasheet HTML 4Page - List of Unclassifed Manufacturers SLN04G64E1BK2MT-DCRT Datasheet HTML 5Page - List of Unclassifed Manufacturers SLN04G64E1BK2MT-DCRT Datasheet HTML 6Page - List of Unclassifed Manufacturers SLN04G64E1BK2MT-DCRT Datasheet HTML 7Page - List of Unclassifed Manufacturers SLN04G64E1BK2MT-DCRT Datasheet HTML 8Page - List of Unclassifed Manufacturers SLN04G64E1BK2MT-DCRT Datasheet HTML 9Page - List of Unclassifed Manufacturers SLN04G64E1BK2MT-DCRT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
Rev.1.0
22.11.2012
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 6
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 17
MAXIMUM ELECTRICAL DC CHARACTERISTICS
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
-0.4
1.975
V
I/O Supply Voltage
VDDQ
-0.4
1.975
V
Voltage on any pin relative to VSS
VIN, VOUT
-0.4
1.975
V
INPUT LEAKAGE CURRENT
Any input 0V
≤ VIN ≤ VDD, VREF pin 0V ≤ VIN ≤ 0.95V
(All other pins not under test = 0V)
II
µA
Command/Address
RAS#, CAS#, WE#, S#, CKE
-16
16
CK, CK#
-16
16
DM
-2
2
OUTPUT LEAKAGE CURRENT
(DQ’s and ODT are disabled; 0V ≤ VOUT ≤ VDDQ)
IOZ
-5
5
µA
DQ, DQS, DQS#
VREF LEAKAGE CURRENT ; VREF is on a valid level
IVREF
-8
8
µA
DC OPERATING CONDITIONS
PARAMETER/ CONDITION
SYMBOL
MIN
NOM
MAX
UNITS
Supply Voltage
VDD
1.283
1.35
1.450
V
I/O Supply Voltage
VDDQ
1.283
1.35
1.450
V
I/O Reference Voltage
VREF
0.49 x VDDQ
0.50 x VDDQ
0.51x VDDQ
V
I/O Termination Voltage (system)
VTT
0.49 x VDDQ-20mV
0.50 x VDDQ
0.51x VDDQ+20mV
V
Input High (Logic 1) Voltage
VIH (DC90)
VREF + 90mV
VDDQ + 0.3
V
Input Low (Logic 0) Voltage
VIL (DC90)
-0.3
VREF – 90mV
V
Under 1.5V operation this DDR3L device operates in accordance to the following specification:
SGN04G64E1BM2MT-XXRT
AC INPUT OPERATING CONDITIONS
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Input High (Logic 1) Voltage
VIH (AC135)
VREF + 135mV
-
V
Input Low (Logic 0) Voltage
VIL (AC135)
-
VREF – 135mV
V
CAPACITANCE
At DDR3 data rates, it is recommended to simulate the performance of the module to achieve optimum values.
When inductance and delay parameters associated with trace lengths are used in simulations, they are
significantly more accurate and realistic than a gross estimation of module capacitance. Simulations can then
render a considerably more accurate result. JEDEC modules are now designed by using simulations to close
timing budgets.


Similar Part No. - SLN04G64E1BK2MT-DCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLN04G64E1BF2HY-CC[EW]RT ETC2-SLN04G64E1BF2HY-CC[EW]RT Datasheet
689Kb / 17P
   4096MB DDR3L . SDRAM SO-DIMM
SLN04G64E1BF2HY-DC[E/W]RT ETC2-SLN04G64E1BF2HY-DC[E/W]RT Datasheet
689Kb / 17P
   4096MB DDR3L . SDRAM SO-DIMM
More results

Similar Description - SLN04G64E1BK2MT-DCRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLN04G64E1BF2HY-CC[EW]RT ETC2-SLN04G64E1BF2HY-CC[EW]RT Datasheet
689Kb / 17P
   4096MB DDR3L . SDRAM SO-DIMM
SLN04G72G2BK2MT-CCRT ETC2-SLN04G72G2BK2MT-CCRT Datasheet
684Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
SLN04G72G2BF2HY-CCRT ETC2-SLN04G72G2BF2HY-CCRT Datasheet
754Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
SLN04G72G2BQ2SA-CC[EW]RT ETC2-SLN04G72G2BQ2SA-CC[EW]RT Datasheet
686Kb / 17P
   4096MB DDR3L ??SDRAM ECC SO-DIMM
SGN04G64E1BQ2SA-BB[EW]RT ETC2-SGN04G64E1BQ2SA-BB[EW]RT Datasheet
751Kb / 17P
   4096MB DDR3 ??SDRAM SO-DIMM
SGN04G64E1BK2MT-CC[EW]RT ETC2-SGN04G64E1BK2MT-CC[EW]RT Datasheet
688Kb / 17P
   4096MB DDR3 ??SDRAM SO-DIMM
SGN04G64E1BD2SA-BB[EIW]RT ETC2-SGN04G64E1BD2SA-BB[EIW]RT Datasheet
752Kb / 17P
   4096MB DDR3 . SDRAM SO-DIMM
SGN04G64D2BB1SA-CC[EW]RT ETC2-SGN04G64D2BB1SA-CC[EW]RT Datasheet
637Kb / 17P
   4096MB DDR3 . SDRAM SO-DIMM
SGN04G72G2BQ2SA-CC[EW]RT ETC2-SGN04G72G2BQ2SA-CC[EW]RT Datasheet
674Kb / 17P
   4096MB DDR3 ??SDRAM ECC SO-DIMM
SLN02G64D2BQ1SA-CC[EW]RT ETC-SLN02G64D2BQ1SA-CC[EW]RT Datasheet
652Kb / 17P
   2048MB DDR3L ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com