Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTX32P60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTX32P60P
Description  P-Channel Enhancement Mode Avalanche Rated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTX32P60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTX32P60P Datasheet HTML 1Page - IXYS Corporation IXTX32P60P Datasheet HTML 2Page - IXYS Corporation IXTX32P60P Datasheet HTML 3Page - IXYS Corporation IXTX32P60P Datasheet HTML 4Page - IXYS Corporation IXTX32P60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
- 600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
- 600
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
- 32
A
I
DM
T
C = 25°C, pulse width limited by TJM
- 90
A
I
AR
T
C = 25°C
- 32
A
E
AS
T
C = 25°C
3.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
890
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
M
d
Mounting force
(PLUS247)
20..120/4.5..27
N/lb.
Mounting torque
(TO-264)
1.13/10
Nm/lb.in.
Weight
PLUS247
6
g
TO-264
10
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
- 600
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 2.5
- 4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS
- 50
μA
V
GS = 0V
T
J = 125°C
- 250
μA
R
DS(on)
V
GS = -10V, ID = 0.5 • ID25, Note 1
350 m
Ω
PolarPTM
Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
IXTK32P60P
IXTX32P60P
V
DSS
= - 600V
I
D25
= - 32A
R
DS(on)
≤≤≤≤
350m
Ω
Ω
Ω
Ω
Ω
Features
International standard packages
Rugged PolarPTM process
Avalanche Rated
Low package inductance
Applications
High side switching
Push-pull amplifiers
DC Choppers
Automatic test equipment
G = Gate
D = Drain
S = Source
TAB = Drain
(TAB)
G
D
S
TO-264 (IXTK)
PLUS247 (IXTX)
(TAB)
DS99990(5/08)
Preliminary Technical Information


Similar Part No. - IXTX32P60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTX3N250L IXYS-IXTX3N250L Datasheet
227Kb / 6P
   N-Channel Power MOSFET
More results

Similar Description - IXTX32P60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH26P20P IXYS-IXTH26P20P Datasheet
190Kb / 6P
   P-Channel Enhancement Mode Avalanche Rated
IXTR48P20P IXYS-IXTR48P20P Datasheet
131Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
IXTR32P60P IXYS-IXTR32P60P Datasheet
123Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
IXTQ52P10P IXYS-IXTQ52P10P Datasheet
187Kb / 6P
   P-Channel Enhancement Mode Avalanche Rated
IXTA76P10T IXYS-IXTA76P10T Datasheet
222Kb / 2P
   P-Channel Enhancement Mode Avalanche Rated
IXTT20P50P IXYS-IXTT20P50P Datasheet
134Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
IXTH48P20P IXYS-IXTH48P20P Datasheet
138Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
IXTN90P20P IXYS-IXTN90P20P Datasheet
126Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
IXTQ14N60P IXYS-IXTQ14N60P Datasheet
166Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
IXTP36P15P IXYS-IXTP36P15P Datasheet
180Kb / 6P
   P-Channel Enhancement Mode Avalanche Rated
IXTT76P10THV IXYS-IXTT76P10THV Datasheet
331Kb / 7P
   P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com