Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMK316BJ476ML-T Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # JMK316BJ476ML-T
Description  Please read this notice before using the TAIYO YUDEN products
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JMK316BJ476ML-T Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button JMK316BJ476ML-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc JMK316BJ476ML-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc JMK316BJ476ML-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc JMK316BJ476ML-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc JMK316BJ476ML-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc JMK316BJ476ML-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc JMK316BJ476ML-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc JMK316BJ476ML-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc JMK316BJ476ML-T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
c_mlcc_pack01_j-02
③Representative taping dimensions
Paper Tape(8mm wide)
●Pressed carrier tape( 2mm pitch)
Type(EIA)
Chip Cavity
Insertion Pitch
Tape Thicknes
T1
□MK063(0201)
0.37
0.67
2.0±0.05
0.45max.
0.42max.
□WK105(0204) ※
0.65
1.15
□MK105(0402) (*1 C)
0.4max.
0.3max.
□MK105(0402) (*1 P)
0.45max.
0.42max.
Note
*1 Thickness, C:0.2mm ,P:0.3mm. ※ LW Reverse type.
Unit:mm
●Punched carrier tape (2mm pitch)
Type(EIA)
Chip Cavity
Insertion Pitch
Tape Thickness
□MK105 (0402)
□VK105 (0402)
0.65
1.15
2.0±0.05
0.8max.
Unit:mm
●Punched carrier tape (4mm pitch)
Type(EIA)
Chip Cavity
Insertion Pich
Tape Thickness
□MK107(0603)
□WK107(0306) ※
□MR107(0603)
1.0
1.8
4.0±0.1
1.1max.
□MK212(0805)
□WK212(0508) ※
1.65
2.4
1.1max.
□MK316(1206)
2.0
3.6
Note:Taping size might be different depending on the size of the product. ※ LW Reverse type.
Unit:mm


Similar Part No. - JMK316BJ476ML-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK316BJ106KA-T TAIYO-YUDEN-JMK316BJ106KA-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
JMK316BJ106KD-T TAIYO-YUDEN-JMK316BJ106KD-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
JMK316BJ106KF-T TAIYO-YUDEN-JMK316BJ106KF-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
JMK316BJ106KK-T TAIYO-YUDEN-JMK316BJ106KK-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
logo
Texas Instruments
JMK316BJ106KL TI-JMK316BJ106KL Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - JMK316BJ476ML-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com