Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6367IRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6367IRZ
Description  PCN13024 ??ASECL Reliability Qualification Summary
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6367IRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6367IRZ Datasheet HTML 1Page - Intersil Corporation ISL6367IRZ Datasheet HTML 2Page - Intersil Corporation ISL6367IRZ Datasheet HTML 3Page - Intersil Corporation ISL6367IRZ Datasheet HTML 4Page - Intersil Corporation ISL6367IRZ Datasheet HTML 5Page - Intersil Corporation ISL6367IRZ Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PCN13024 – ASECL Reliability Qualification Summary
Stres s / Con dition s
Du ration
ISL9491E RZ
16L 4X4 Q FN
ISL98604IRZ
40L 5X5 TQ FN
Un bias ed HAST
N = 9635
N = 1410
+130C / 85% RH
Acc = 0
Acc = 0
Temp Cyc le
N = 240
N = 240
+150C / -65C
Acc = 0
Acc = 0
Stres s / Con dition s
Du ration
ISL95836HRTZ
40L 5X5 TQ FN
ISL6277HRZ
48L 6X6 qf n
ISL6312CRZ
48L 7X7 Q FN
ISL97702IRZ
10L 3X3 Q FN
ISL95833HRTZ
32L 4X4 Q FN
ISL9492E RZ
28L 4X4 TQ FN
High Temp O peratin g Lif e
+125
oC
1000 Hours
N = 80
Acc = 0
Note 1
N/A
N/A
N/A
N/A
N/A
N = 22
N = 22
N = 44
N = 44
N = 22
N = 22
Acc = 0
Acc = 0
Acc = 0
Acc = 0
Acc = 0
Acc = 0
L3 PBFREE
L3 PBFREE
L3 PBFREE
L3 PBFREE
L3 PBFREE
L3 PBFREE
Un bias ed HAST
N = 78
N = 78
N = 78
N = 78
N = 78
N = 78
+130C / 85% RH
Acc = 0
Acc = 0
Acc = 0
Acc = 0
Acc = 0
Acc = 0
Temp Cyc le
N = 78
N = 78
N = 78
N = 78
N = 78
N = 78
+150C / -65C
Acc = 0
Acc = 0
Acc = 0
Acc = 0
Acc = 0
Acc = 0
Bias ed HAST
N = 78
N = 78
+130C / 85% RH
Acc = 0
Acc = 0
High Temperatu re Storage
N = 78
N = 78
N = 78
TA = +150C
Acc = 0
Acc = 0
Acc = 0
Note 1: Completed by extension from already released assembly site - SRN110207
Complete - Pas s ed
N/A
N/A
N/A
N/A
500 Cy
N/A
96 Hrs
N/A
Mois tu re Sen s itivity
Clas s if ic ation
N/A
N/A
96 Hrs
Mois tu re Sen s itivity
Clas s if ic ation
96 Hrs
500 Cy
1000 Hrs
N/A


Similar Part No. - ISL6367IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
   Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
logo
Intersil Corporation
ISL6367H INTERSIL-ISL6367H Datasheet
131Kb / 2P
   Green Hybrid Digital Dual 6-Phase 1 Phase PWM Controller
More results

Similar Description - ISL6367IRZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
   Reliability Qualification Report
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
   Reliability Qualification Report
logo
Lumileds Lighting Compa...
RD12 LUMILEDS-RD12 Datasheet
399Kb / 2P
   SnapLED Qualification Reliability Testing
logo
TriQuint Semiconductor
TQ8223 TRIQUINT-TQ8223 Datasheet
580Kb / 5P
   Device Qualification
logo
STMicroelectronics
STEVAL-ISA160V1 STMICROELECTRONICS-STEVAL-ISA160V1 Datasheet
218Kb / 4P
   AECQ100 qualification
February 2016 Rev 1
logo
Alpha & Omega Semicondu...
AOB10B65M1 AOSMD-AOB10B65M1 Datasheet
100Kb / 3P
   This AOS product reliability report summarizes the qualification result for AOB10B65M1
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R2AD-W TAIYO-YUDEN-EMK042CG2R2AD-W Datasheet
287Kb / 2P
   Item Summary
JMK021BJ472KK-W TAIYO-YUDEN-JMK021BJ472KK-W Datasheet
289Kb / 2P
   Item Summary
logo
Tyco Electronics
3-1461491-5 MACOM-3-1461491-5 Datasheet
369Kb / 40P
   Qualification Test Report
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com