Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WK212 Datasheet(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

Part # WK212
Description  Please read this notice before using the TAIYO YUDEN products
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

WK212 Datasheet(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button WK212 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc WK212 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc WK212 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc WK212 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc WK212 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc WK212 Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc WK212 Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc WK212 Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc WK212 Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
c_mlcc_reli_e-01
(C-C
2
×100(%)
C
2
C
:Capacitance in Step 1 or Step 3
C2 :Capacitance in Step 2
9. Deflection
Specified
Value
Temperature
Compensating(Class1)
Standard
Appearance
: No abnormality
Capacitance change
: Within ±5% or ±0.5 pF, whichever is larger.
High Frequency Type
Appearance
: No abnormality
Cpaitance change
: Within±0.5 pF
High Permittivity (Class2)
Appearance
: No abnormality
Capacitance change
: Within ±12.5%(BJ, B7, C6, C7,LD(※))
Within ±30%(F)
Note: ※LD Low distortion high value multilayer ceramic capacitor
Test
Methods and
Remarks
Multilayer Ceramic Capacitors
042, 063, 105 Type
The other types
Board
Glass epoxy-resin substrate
Thickness
0.8mm
1.6mm
Warp
1mm
Duration
10 sec.
105 Type thickness, C: 0.2mm ,P: 0.3mm.
Capacitance measurement shall be conducted
with the board bent
10. Body Strength
Specified
Value
Temperature
Compensating(Class1)
Standard
High Frequency Type
No mechanical damage.
High Permittivity (Class2)
Test
Methods and
Remarks
High Frequency Type
Applied force
: 5N
Duration
: 10 sec.
11. Adhesive Strength of Terminal Electrodes
Specified
Value
Temperature
Compensating(Class1)
Standard
No terminal separation or its indication.
High Frequency Type
High Permittivity (Class2)
Test
Methods and
Remarks
Multilayer Ceramic Capacitors
042, 063 Type
105 Type or more
Applied force
2N
5N
Duration
30±5 sec.
12. Solderability
Specified
Value
Temperature
Compensating(Class1)
Standard
At least 95% of terminal electrode is covered by new solder.
High Frequency Type
High Permittivity (Class2)
Test
Methods and
Remarks
Eutectic solder
Lead-free solder
Solder type
H60A or H63A
Sn-3.0Ag-0.5Cu
Solder temperature
230±5℃
245±3℃
Duration
4±1 sec.


Similar Part No. - WK212

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
WK212 TAIYO-YUDEN-WK212 Datasheet
2Mb / 27P
   Please read this notice before using the TAIYO YUDEN products.
WK212 TAIYO-YUDEN-WK212 Datasheet
568Kb / 25P
   Please read this notice before using the TAIYO YUDEN products.
More results

Similar Description - WK212

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com