Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78286-XYY Datasheet(PDF) 8 Page - FCI connector

Part # 78286-XYY
Description  BERGSTIK II HEADER D/R 100/2.52cc STRAIGHT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

78286-XYY Datasheet(HTML) 8 Page - FCI connector

  78286-XYY Datasheet HTML 1Page - FCI connector 78286-XYY Datasheet HTML 2Page - FCI connector 78286-XYY Datasheet HTML 3Page - FCI connector 78286-XYY Datasheet HTML 4Page - FCI connector 78286-XYY Datasheet HTML 5Page - FCI connector 78286-XYY Datasheet HTML 6Page - FCI connector 78286-XYY Datasheet HTML 7Page - FCI connector 78286-XYY Datasheet HTML 8Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PDS: Rev :DG
STATUS:Released
Printed: Nov 16, 2012


Similar Part No. - 78286-XYY

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
78283-0001 MOLEX9-78283-0001 Datasheet
364Kb / 7P
   1.27mm (.050") Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without withflanged tabbed housing, 16 circuits, Tape on Reel, Lead- free
logo
CommScope Inc.
7828333-0001 COMMSCOPE-7828333-0001 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7828333-0002 COMMSCOPE-7828333-0002 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
Molex Electronics Ltd.
78285-0001 MOLEX-78285-0001 Datasheet
108Kb / 2P
   Micro SATA
78285-0001 MOLEX9-78285-0001 Datasheet
349Kb / 7P
   1.27mm (.050) Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without with flanged tabbed housing, 16 circuits, Tray, Lead-free
More results

Similar Description - 78286-XYY

ManufacturerPart #DatasheetDescription
logo
FCI connector
67996-402HLF FCI-CONNECTOR-67996-402HLF Datasheet
679Kb / 9P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
68691-810HLF FCI-CONNECTOR-68691-810HLF Datasheet
684Kb / 9P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
79425-610H FCI-CONNECTOR-79425-610H Datasheet
659Kb / 8P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
MB2S-MB10S FCI-CONNECTOR-MB2S-MB10S Datasheet
659Kb / 8P
   BERGSTIK II HEADER D/R 100/2.5cc STRAIGHT
67996-114 FCI-CONNECTOR-67996-114 Datasheet
664Kb / 8P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
67996-410HLF FCI-CONNECTOR-67996-410HLF Datasheet
664Kb / 8P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
67997-104HLF FCI-CONNECTOR-67997-104HLF Datasheet
659Kb / 8P
   BERGSTIK II HEADER D?R 100/2.54cc STRAIGHT
logo
List of Unclassifed Man...
67996-272HLF ETC2-67996-272HLF Datasheet
659Kb / 8P
   BERGSTIK II HEADER D/R .100/2.54CC STRAIGHT
logo
FCI connector
68691-444HLF FCI-CONNECTOR-68691-444HLF Datasheet
664Kb / 8P
   BERGSTIK II HEADER D/R .100/2.54cc STRAIGHT
67996 FCI-CONNECTOR-67996 Datasheet
664Kb / 8P
   BERGSTIK HEADER D/R .100/2.54CC STRAIGHT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com