Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93026-36(1)(2) Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 93026-36(1)(2)
Description  DSCC 93026 SuperTan Wet Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

93026-36(1)(2) Datasheet(HTML) 3 Page - Vishay Siliconix

  93026-36(1)(2) Datasheet HTML 1Page - Vishay Siliconix 93026-36(1)(2) Datasheet HTML 2Page - Vishay Siliconix 93026-36(1)(2) Datasheet HTML 3Page - Vishay Siliconix 93026-36(1)(2) Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DSCC 93026
www.vishay.com
Vishay
Revision: 01-Feb-12
3
Document Number: 40136
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
100 VDC AT 85 °C; 65 VDC AT 125 °C
15
T1
3.5
1
5
125
- 18
+ 3
+ 10
1050
93026-49(1)(2)
68
T2
2.1
2
10
37
- 30
+ 4
+ 12
1650
93026-50(1)(2)
120
L2
1.0
3
25
20.5
- 30
+ 4
+ 12
2200
93026-62(1)(2)
150
T3
1.6
3
25
22
- 35
+ 6
+ 12
2100
93026-51(1)(2)
220
T4
1.2
5
50
15
- 40
+ 6
+ 12
2750
93026-52(1)(2)
125 VDC AT 85 °C; 85 VDC AT 125 °C
10
T1
5.5
1
5
175
- 15
+ 3
+ 10
1050
93026-53(1)(2)
47
T2
2.3
2
10
47
- 25
+ 5
+ 12
1650
93026-54(1)(2)
90
L2
1.3
5
25
25
- 22
+ 4
+ 15
2000
93026-63(1)(2)
82
T3
1.8
3
25
40
- 35
+ 5
+ 12
1950
n/a
100
T3
1.8
3
25
35
- 35
+ 5
+ 12
2100
93026-55(1)(2)
150
T4
1.6
5
50
20
- 35
+ 6
+ 12
2750
93026-56(1)(2)
RIPPLE CURRENT MULTIPLIERS VS. FREQUENCY, TEMPERATURE, AND APPLIES PEAK VOLTAGE
FREQUENCY OF
APPLIED RIPPLE
CURRENT
120 Hz
800 Hz
1 kHz
10 kHz
40 kHz
100 kHz
AMBIENT STILL
AIR TEMP. IN °C
 55 85 105 125  55 85 105 125  55 85 105 125  55 85 105 125  55 85 105 125  55 85 105 125
% of
85 °C
rated
peak
voltage
100 %
0.60 0.39
-
-
0.71 0.43
-
-
0.72 0.46
-
-
0.88 0.55
-
-
1.0 0.63
-
-
1.1 0.69
-
-
90 %
0.60 0.46
-
-
0.71 0.55
-
-
0.72 0.55
-
-
0.88 0.67
-
-
1.0 0.77
-
-
1.1 0.85
-
-
80 %
0.60 0.52 0.35
-
0.71 0.62 0.42
-
0.72 0.62 0.42
-
0.88 0.76 0.52
-
1.0 0.87 0.59
-
1.1 0.96 0.65
-
70 %
0.60 0.58 0.44
-
0.71 0.69 0.52
-
0.72 0.70 0.52
-
0.88 0.85 0.64
-
1.0 0.97 0.73
-
1.1 1.07 0.80
-
66 2/3 % 0.60 0.60 0.46 0.27 0.71 0.71 0.55 0.32 0.72 0.72 0.55 0.32 0.88 0.88 0.68 0.40 1.0 1.0 0.77 0.45 1.1 1.1 0.85 0.50
STANDARD RATINGS
CAPACITANCE
AT 25 °C
120 Hz
(μF)
CASE
CODE
MAX. ESR
120 Hz
(
)
MAX. DCL
(μA)
MAX.
IMP. AT
- 55 °C
120 Hz
(
)
MAX. CAPACITANCE CHANGE
(%)
AC RIPPLE
85 °C
40 kHz
(mA)
RMS
PART NUMBER
25 °C
85 °C/
125 °C
- 55 °C
85 °C
125 °C
Note
• Part number definitions:
(1) Capacitance tolerance. K = 10 %, M = 20 %
(2) Case or body insulation. S = Sleeved, U = Unsleeved


Similar Part No. - 93026-36(1)(2)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
93026-36 VISHAY-93026-36 Datasheet
72Kb / 4P
   DSCC 93026 SuperTan® Wet Tantalum Capacitors
Revision: 01-Feb-12
More results

Similar Description - 93026-36(1)(2)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
93026-44KS VISHAY-93026-44KS Datasheet
72Kb / 4P
   DSCC 93026 SuperTan® Wet Tantalum Capacitors
Revision: 01-Feb-12
DLA93026 VISHAY-DLA93026 Datasheet
80Kb / 6P
   DLA 93026 SuperTan짰 Wet Tantalum Capacitors
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
ST VISHAY-ST Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
STE470-75T3MI VISHAY-STE470-75T3MI Datasheet
105Kb / 6P
   SuperTan Extended (STE) Capacitors, Wet Tantalum Capacitors with Hermetic Seal
Revision: 07-Nov-14
STE VISHAY-STE Datasheet
92Kb / 3P
   SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
Revision: 25-Aug-08
STE VISHAY-STE_V01 Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com