Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

122393 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 122393
Description  TNC COAXIAL CONNECTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122393 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 122393 Datasheet HTML 5Page - List of Unclassifed Manufacturers 122393 Datasheet HTML 6Page - List of Unclassifed Manufacturers 122393 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122393 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122393 Datasheet HTML 9Page - List of Unclassifed Manufacturers 122393 Datasheet HTML 10Page - List of Unclassifed Manufacturers 122393 Datasheet HTML 11Page - List of Unclassifed Manufacturers 122393 Datasheet HTML 12Page - List of Unclassifed Manufacturers 122393 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Teflon/Captured
122168
01 Nickel
Teflon
50
A
122170
03 Nickel
Teflon
50
A
122171
03 Nickel
Teflon
75
A
Remark: 6.5 [.256] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD CRIMP JACK — STANDARD CABLE
Teflon/Captured
122160
01 Nickel
Teflon
50
A
122162
03 Nickel
Teflon
50
A
122163
03 Nickel
Teflon
75
A
122363 01A Nickel
Delrin
50
A
122413 01B Nickel
Delrin
50
A
122415 07B Nickel
Teflon
50
A
122405 07C Nickel
Delrin
50
L
122382
08 Nickel
Teflon
75
E
122466 08A Nickel
Teflon
75
A/H
122425
19 Nickel
Teflon
75
B
Remark: 3.5 [.138] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD CRIMP JACK — STANDARD CABLE
Teflon/Captured
122176
02 Nickel
Teflon
50
A
122178
04 Nickel
Teflon
50
A
122179
04 Nickel
Teflon
75
A
Remark: 3.5 [.138] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD CRIMP JACK — PLENUM CABLE
Teflon/Captured
122184
02 Nickel
Teflon
50
B
122186
04 Nickel
Teflon
50
B
122187
04 Nickel
Teflon
75
B
Remark: 6.5 [.256] Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
BULKHEAD CRIMP JACK — PLENUM CABLE
103
BULKHEAD JACK CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
For Cable Group Legend, see page 97
TNC.4
11/27/01
4:55 PM
Page 103


Similar Part No. - 122393

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1223960 PHOENIX-1223960 Datasheet
2Mb / 5P
   Sensor/actuator cable - SAC-3P-P12MS/ 1,5-PUR/P12FS
01/13/2022
More results

Similar Description - 122393

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
   TNC 50 PANEL JACK COAXIAL END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com