Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4059BT-652 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HEF4059BT-652
Description  Programmable divide-by-n counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEF4059BT-652 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HEF4059BT-652 Datasheet HTML 1Page - List of Unclassifed Manufacturers HEF4059BT-652 Datasheet HTML 2Page - List of Unclassifed Manufacturers HEF4059BT-652 Datasheet HTML 3Page - List of Unclassifed Manufacturers HEF4059BT-652 Datasheet HTML 4Page - List of Unclassifed Manufacturers HEF4059BT-652 Datasheet HTML 5Page - List of Unclassifed Manufacturers HEF4059BT-652 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
January 1995
5
Philips Semiconductors
Product specification
Programmable divide-by-n counter
HEF4059B
LSI
FUNCTION TABLE
Note
1. It is recommended that the device is in the master preset mode (Kb =Kc = logic 0) in order to correctly initialize the
device prior to start up.
2. H = HIGH voltage level
L = LOW voltage level
X = don’t care
DC CHARACTERISTICS
VSS =0 V
LATCH
ENABLE
INPUT
MODE
SELECT
INPUTS
FIRST COUNTING
SECTION
DECADE 1
LAST COUNTING
SECTION
DECADE 5
COUNTER
RANGE
OPERATION
LE
Ka
Kb
Kc
MODE
MAX.
PRESET
STATE
JAM
INPUTS
USED
DIVIDE
BY
MAX.
PRESET
STATE
JAM
INPUTS
USED
BCD
MAX.
BINARY
MAX.
HH
H
H
2
1
J1
87
J2J3J4
15 999 17 331
timer mode
HL
H
H
4
3
J1J2
43
J3J4
15 999 18 663
HH
L
H
5
4
J1J2J3
21
J4
9 999 13 329
HL
L
H
8
7
J1J2J3
21
J4
15 999 21 327
HH
H
L
10
9
J1J2J3J4 10
9 999 16 659
LH
H
H
2
1
J1
87
J2J3J4
15 999 17 331
divide-by-n mode
LL
H
H
4
3
J1J2
43
J3J4
15 999 18 663
LH
L
H
5
4
J1J2J3
21
J4
9 999 13 329
LL
L
H
8
7
J1J2J3
21
J4
15 999 21 327
LH
H
L
10
9
J1J2J3J4 10
9 999 16 659
HL
H
L
10
9
J1J2J3J4 10
9 999 16 659
L
L
H
L
preset inhibited
preset inhibited
fixed
10 000
divide-by-10 000
mode
XX
L
L
master preset
master preset
−−
master preset
mode
VDD
V
SYMBOL
Tamb (°C)
UNIT
−40
MIN.
+ 25
MIN.
+ 85
MIN.
Output (sink)
4,75
2,7
2,3
1,8
mA
VO =
0,4 V; VI = 0 or 4,75 V
current LOW
10
IOL
9,5
8
6,3
mA
VO =
0,5 V; VI = 0 or 10 V
15
24
20
16
mA
VO =
1,5 V; VI = 0 or 15 V
Output (source)
5
0,8
0,7
0,5
mA
VO =
4,6 V; VI = 0 or 5 V
current HIGH
10
−I
OH
2,4
2
1,6
mA
VO =
9,5 V; VI = 0 or 10 V
15
8,4
7
5,6
mA
VO = 13,5 V; VI = 0 or 15 V
Output (source)
current HIGH
5
−I
OH
2,4
2
1,6
mA
VO = 2,5 V; VI = 0 or
5 V


Similar Part No. - HEF4059BT-652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4059BT PHILIPS-HEF4059BT Datasheet
58Kb / 6P
   Programmable divide-by-n counter
January 1995
More results

Similar Description - HEF4059BT-652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
   Programmable divide-by-n counter
1998 Jul 08
HEF4059B PHILIPS-HEF4059B Datasheet
58Kb / 6P
   Programmable divide-by-n counter
January 1995
logo
Texas Instruments
CD4059AE TI1-CD4059AE Datasheet
533Kb / 14P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A_15 Datasheet
520Kb / 13P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A Datasheet
588Kb / 16P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4059A TI-CD4059A Datasheet
394Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
Texas Instruments
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
logo
STMicroelectronics
HCC4018B STMICROELECTRONICS-HCC4018B Datasheet
273Kb / 12P
   PRESETTABLE DIVIDE-BY-N COUNTER
logo
R & E International, In...
SCL4018B RANDE-SCL4018B Datasheet
259Kb / 1P
   PRESTTABLE DIVIDE-BY-N COUNTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com