Selected language     English  ▼


D-110-0217 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. D-110-0217
Description  SolderSleeve Discrete Wire Terminators
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
8-40
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Wire Termination to Pin/Post/Tab
SolderSleeve Discrete Wire Terminators (Continued)
Connection-point
Type and Size
Terminal Dimensions
Wire AWG/mm2
Part No.
W = up to 0.63 [.025]
24 [0.24]
CWT-1501
20 [0.61]
CWT-1502
W = 0.63 [.025] to
24 [0.24]
CWT-1501
0.89 [0.035]
22 [0.38]
CWT-1502
20 [0.61]
CWT-1503
W = 0.89 [0.035] to
24–22 [0.24–0.38]
CWT-1502
1.14 [.045]
20–18 [0.61–0.95]
CWT-1503
W = 1.14 [.045] to
24–22 [0.24–0.38]
CWT-1503
1.52 [.060]
20–18 [0.61–0.95]
CWT-1504
W = up to1.52 [.060]
24–20 [0.24–0.61]
CWT-1501
W = 1.27 [.050] to
24-18 [0.24–0.95]
CWT-1502
2.28 [.090]
W = 1.77 [.070] to
24-18 [0.24–0.95]
CWT-1503
2.79 [.110]
W = 2.54 [.100] to
24-18 [0.24–0.95]
CWT-1504
3.80 [.150]
W = 2.28 [.090] to
22-16 [0.38–1.21]
CWT-1505
4.70 [.187]
Product Series
Max. Operating Temperature
Min. Wire Temperature Rating
CWT
125°C [257°F]
85°C [185°F]
D-129, D-141, D-71X
150°C [302°F]
125°C [257°F]
Note:
Cadmium-free option (B-152 series) is available for operating temperature of 125˚C [257˚F].
Consult Tyco Electronics for details.
Product Options
Table A. CWT Series
(125°C [257°F] rated)
pin
W
post
W
tab
W




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl