Selected language     English  ▼


D-110-0217 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. D-110-0217
Description  SolderSleeve Discrete Wire Terminators
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
8-42
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Wire Termination to Pin/Post/Tab
SolderSleeve Discrete Wire Terminators (Continued)
Material
Insulation [D-129, D-141, D-71X]
Radiation-crosslinked, heat-shrinkable polyvinylidene fluoride
Insulation [CWT]
Radiation-crosslinked, heat-shrinkable polyolefin
Solder and flux [D-129, D-141, D-71X]
Solder: Sn63 Pb37
Flux: ROL1 per ANSI -J - 004 [RMA flux]
Solder and flux [CWT]
Solder: Sn50 Pb32 Cd 18
Flux: ROM1 per ANSI -J - 004 [RA flux]
Typical Performance
Voltage drop
2.0 mV
Tensile strength
Exceeds strength of conductor
Dielectric strength
2.0 kV
Temperature rating [CWT]
-55°C to 125°C [-67°F to 257°F]
Temperature rating [D-129, D-141, D-71X]
-55°C to 150°C [-67°F to 302°F]
Insulation resistance
1000 megohms
Series
Agency
Raychem
CWT
UL and CUL E87681
D-5023
D-129, D-141
UL and CUL E87681
RT-1404
Product Characteristics
Specifications/Approvals




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl