Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

122447 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 122447
Description  TNC COAXIAL CONNECTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122447 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  122447 Datasheet HTML 1Page - List of Unclassifed Manufacturers 122447 Datasheet HTML 2Page - List of Unclassifed Manufacturers 122447 Datasheet HTML 3Page - List of Unclassifed Manufacturers 122447 Datasheet HTML 4Page - List of Unclassifed Manufacturers 122447 Datasheet HTML 5Page - List of Unclassifed Manufacturers 122447 Datasheet HTML 6Page - List of Unclassifed Manufacturers 122447 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122447 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122447 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
122100
01 Nickel
Delrin
50
E
122103
03 Nickel
Delrin
75
E
122104
02 Nickel
Delrin
50
E
122107
04 Nickel
Delrin
75
E
Remark: Only for solid center conductor cable
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP PLUG — SINGLE CRIMP
PLUG CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE
122108
01 Nickel
Delrin
50
A
122372 01A Nickel
Delrin
50
A
122410 01B Nickel
Delrin
50
A
122110
03 Nickel
Delrin
50
A
122111
03 Nickel
Delrin
75
A
122426 03A Nickel
Delrin
75
A
122394
07 Nickel
Teflon
50
D
122398 07A Nickel
Teflon
50
D
122408 07B Nickel
Delrin
50
A
122393 07C Nickel
Teflon
50
L
122470 07F Nickel
Teflon
75
D
122390
08 Nickel
Delrin
75
E
122465 08A Nickel
Teflon
75
A/H
122391
15 Nickel
Delrin
75
E
122417
17 Nickel
Teflon
50 .610 HEX
122951* 18 Nickel
Teflon
75
A
122950* 19 Nickel
Teflon
75
B
122471
— Nickel
Teflon
50
N/A
TIMES LMR300
*Center contact .053" diameter, 30µ" Au.
True 75 ohm. Use .044 hex or 12-indent crimp
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP PLUG — STANDARD CABLE
97
TNC COAXIAL CONNECTORS
All connector bodies, unless otherwise
noted, are nickel plated. Center contacts
are 3µ" gold plated. Insulators are Delrin,
unless otherwise noted.
Silver plating and Teflon insulators are
available on virtually all TNC connectors.
Please contact Connex for samples and
quotes.
All dimensions in millimeters and [inches].
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
01
58/ 58A/ 58C/ 141/ 303/
LMR195/ B7806A
01A 55/ 142/ 223/ 400
01B LMR200/ B7807A
02
58 PLENUM/THINNET/
122U/ B88240/ B89907
03
59/ 62/ 140/ 210
03A 59/ U-20AWG
04
59/ U PLENUM
04A 59/ U PLENUM-20AWG
05
174/ 188A/ 316/ B7805A
05A 316/ U DOUBLE BRAIDED
06
179/ 187/ B9221
06A 179/ U DOUBLE BRAIDED
07
8/ 8A/ 213/ 393
07A 214
07B 8X/ LMR240/ B7808A
07C B9913/ LMR400/
B7810A/ B8214
07D B89913
07E 11
07F 11/ U-14AWG/ B8213/
B9292/ B7731/ B1859A
08
6/ 143/ 212
08A B1694A/ B9248
08B 6 PLENUM/ B1695A
09
B8227/ 89207
10
.141 SEMI-RIGID/ 402/U
11
.085 SEMI-RIGID/ 405/U
12
.250 SEMI-RIGID
13
.047 SEMI-RIGID/ B1674A
14
178/ 196
15
B8281/ B9231/ B9141
15A B88281
16
180/ 195/ 122/ B8218/
B1865A/ B1855
17
LMR6OO
18
AT&T734A/ B1505A
19
AT&T735A/ B735A1
CABLE
GROUP
LEGEND
TNC.4
11/27/01
4:55 PM
Page 97


Similar Part No. - 122447

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1224460 FESTO-1224460 Datasheet
88Kb / 1P
   Pneumatic muffler
More results

Similar Description - 122447

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
305W APITECH-305W Datasheet
629Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
   SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
   ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
1591 APITECH-1591 Datasheet
511Kb / 1P
   TNC Connectors
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
   TNC Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
   TNC 50 PANEL JACK COAXIAL END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com